Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843071AGILF Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS843071AGILF
Description  FEMTOCLOCKS??CRYSTAL-TO- LVPECL CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843071AGILF Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS843071AGILF Datasheet HTML 5Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 6Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 7Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 8Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 9Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 10Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 11Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 12Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
843071AGI
www.icst.com/products/hiperclocks.html
REV. A JANUARY 11, 2006
9
Integrated
Circuit
Systems, Inc.
ICS843071I
FEMTOCLOCKS™CRYSTAL-TO- LVPECL
CLOCK GENERATOR
TERMINATION FOR 3.3V LVPECL OUTPUT
The clock layout topology shown below is a typical termina-
tion for LVPECL outputs. The two different layouts mentioned
are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that
generate ECL/LVPECL compatible outputs.Therefore, terminat-
ing resistors (DC current path to ground) or current sources
must be used for functionality. These outputs are designed to
FIGURE 3B. LVPECL OUTPUT TERMINATION
FIGURE 3A. LVPECL OUTPUT TERMINATION
drive 50
Ω transmission lines. Matched impedance techniques
should be used to maximize operating frequency and minimize
signal distortion. Figures 3A and 3B show two different layouts
which are recommended only as guidelines. Other suitable clock
layouts may exist and it would be recommended that the board
designers simulate to guarantee compatibility across all printed
circuit and clock component process variations.
V
CC - 2V
50
Ω
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
RTT =
Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
125
Ω
125
Ω
84
Ω
84
Ω
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com