Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843071AGILF Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843071AGILF
Description  FEMTOCLOCKS??CRYSTAL-TO- LVPECL CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843071AGILF Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843071AGILF Datasheet HTML 1Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 2Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 3Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 4Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 5Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 6Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 7Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 8Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
843071AGI
www.icst.com/products/hiperclocks.html
REV. A JANUARY 11, 2006
1
Integrated
Circuit
Systems, Inc.
ICS843071I
FEMTOCLOCKS™CRYSTAL-TO- LVPECL
CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS843071I is a Serial ATA (SATA)/Serial
Attached SCSI (SAS) Clock Generator and a
member of the HiPerClocksTM family of high
performance devices from ICS. The ICS843071I
uses an 18pF parallel resonant crystal over
the range of 20.833MHz - 28.3MHz. For SATA/SAS
applications, a 25MHz crystal is used and either 75MHz or
150MHz may be selected with the FREQ_SEL pin. For 10Gb
Fibre Channel applications, a 26.5625MHz crystal is used
for 159.375MHz output. The ICS843071I has excellent
<1ps phase jitter performance, over the 12kHz - 20MHz
integration range. The ICS843071I is packaged in a small
8-pin TSSOP, making it ideal for use in systems with limited
board space.
FEATURES
• One Differential LVPECL output
• Crystal oscillator interface, 18pF parallel resonant crystal
(20.833MHz - 28.3MHz)
• Output frequency range: 62.5MHz - 170MHz
• VCO range: 500MHz - 680MHz
• RMS phase jitter @ 150MHz, using a 25MHz crystal
(12kHz - 20MHz): 0.64ps (typical) @ 3.3V output
• RMS phase jitter @ 159.375MHz, using a 26.5625MHz
crystal (1.875MHz - 20MHz): 0.40ps (typical) @ 3.3V
output
• 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant
packages
HiPerClockS™
ICS
ICS843071I
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
VCCA
XTAL_OUT
XTAL_IN
VEE
1
2
3
4
VCC
Q
nQ
FREQ_SEL
8
7
6
5
BLOCK DIAGRAM
OSC
Phase
Detector
VCO
500MHz - 680MHz
M = ÷24 (fixed)
FREQ_SEL
N
0
÷4
1
÷8
XTAL_IN
XTAL_OUT
Q
nQ
COMMON CONFIGURATION TABLE - SERIAL ATA/SERIAL ATTACHED SCSI
PIN ASSIGNMENT
FREQ_SEL Pullup
s
t
u
p
n
I
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
z
H
M
(
)
z
H
M
(
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
CL
E
S
_
Q
E
R
FM
N
n
o
i
t
a
c
i
l
p
i
t
l
u
M
N
/
M
e
u
l
a
V
5
20
4
24
6
0
5
1
5
21
4
28
3
5
7
5
2
6
5
.
6
20
4
24
6
5
7
3
.
9
5
1


Similar Part No. - ICS843071AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-111 ICST-ICS8430-111 Datasheet
183Kb / 16P
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. F JUNE 1, 2005
ICS8430-51 ICST-ICS8430-51 Datasheet
151Kb / 16P
600MHZ, LOW JITTER LVCMOS/ LVTTL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 22, 2004
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843071AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A NOVEMBER 29, 2004
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A DECEMBER 14, 2004
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A OCTOBER 6, 2005
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JANUARY 10, 2006
ICS843021 ICST-ICS843021 Datasheet
189Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. C MARCH 31, 2005
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
NV021 IDT-NV021 Datasheet
164Kb / 14P
Femtoclocks Crystal-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
NV021 RENESAS-NV021 Datasheet
354Kb / 15P
Femtoclocks™ Crystal-to-3.3V LVPECL Clock Generator
January 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com