Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS810-06 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS810-06
Description  VCXO-TO-6 LVCMOS OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS810-06 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS810-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 7Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 8Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 9Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 10Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 11Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 12Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
81006AK
www.icst.com/products/hiperclocks.html
REV. A JANUARY 4, 2006
9
Integrated
Circuit
Systems, Inc.
ICS81006
VCXO-TO-6 LVCMOS OUTPUTS
Oscillator
APPLICATION INFORMATION
FIGURE 1: VCXO OSCILLATOR CIRCUIT
V
C
C
V
C
S1
C
L1
C
S2
C
L2
C
V
XTAL
VCXO (Internal)
Optional
➤
➤
➤
➤
Control Voltage
TABLE 5. EXAMPLE CRYSTAL PARAMETERS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
N
y
c
n
e
u
q
e
r
F
l
a
n
i
m
o
N
4
4
.
9
1z
H
M
f
T
e
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
F
0
2
±m
p
p
f
S
y
t
il
i
b
a
t
S
y
c
n
e
u
q
e
r
F
0
2
±m
p
p
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
00
7C
°
C
L
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
2
1F
p
C
O
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
4F
p
C
,
0 C1
o
i
t
a
R
y
t
il
i
b
a
ll
u
P
0
2
20
4
2
R
S
Ee
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
2
l
e
v
e
L
e
v
i
r
D
1W
m
C
°
5
2
@
g
n
i
g
A
r
a
e
y
r
e
p
3
±m
p
p
n
o
i
t
a
r
e
p
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
VCXO CRYSTAL SELECTION
Choosing a crystal with the correct characteristics is one of
the most critical steps in using a Voltage Controlled Crystal
Oscillator (VCXO). The crystal parameters affect the tuning
V
C
Control voltage used to tune frequency
C
V
Varactor capacitance, varies due to the change in
control voltage
range and accuracy of a VCXO. Below are the key variables
and an example of using the crystal parameters to calculate
the tuning range of the VCXO.
C
L1, CL2
Load tuning capacitance used for fine tuning or
centering nominal frequency
C
S1, CS2
Stray Capacitance caused by pads, vias, and other
board parasitics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com