Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS810-06 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS810-06
Description  VCXO-TO-6 LVCMOS OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS810-06 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS810-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 7Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 8Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
81006AK
www.icst.com/products/hiperclocks.html
REV. A JANUARY 4, 2006
1
Integrated
Circuit
Systems, Inc.
ICS81006
VCXO-TO-6 LVCMOS OUTPUTS
VCXO
0: ÷1
1: ÷2
SYNC
SYNC
LP Filter
GENERAL DESCRIPTION
The ICS81006 is a high performance, low
jitter/low phase noise VCXO and is a
member of the HiPerClockS™ family of high
performance clock solutions from ICS. The
ICS81006 works in conjunction with a
pullable crystal to generate an output clock over the
range of 12MHz - 40MHz and has 6 LVCMOS outputs,
effectively integrating a fanout buffer function.
The frequency of the VCXO is adjusted by the VC control
voltage input. The output range is ±100ppm around the
nominal crystal frequency. The VC control voltage range
is 0 - V
DD. The device is packaged in a small 4mm x 4mm
VFQFN package and is ideal for use on space
constrained boards typically encountered in ADSL/
VDSL applications.
FEATURES
• Six LVCMOS/LVTTL outputs, 20Ω nominal
output impedance
• Output Q5 can be selected for ÷1 or ÷2 frequency relative
to the crystal frequency
• Output frequency range: 12MHz to 40MHz
• Crystal pull range: ± 90ppm (typical)
• Synchronous output enable places outputs in High-Z state
• On-chip filter on VIN to suppress noise modulation of VCXO
• V
DD/VDDO combinations
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
• 4mm x 4mm 20 Lead VFQFN package is ideal for space
constrained designs
• 0°C to 70°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant
packages
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
OE0
VC
XTAL_IN
XTAL_OUT
DIV_SEL_Q5
OE1
Q0
Q1
Q2
Q3
Q4
Q5
(Pullup)
(Pulldown)
XTAL_IN
XTAL_OUT
VDD
VC
DIV_SEL_Q5
GND
Q2
VDDO
Q3
GND
1
2
3
4
5
20 19 18 17
16
ICS81006
20-Lead VFQFN
4mm x 4mm x 0.95 package body
K Package
Top View
6
7
8
9
10
15
14
13
12
11
(Pullup)


Similar Part No. - ICS810-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
More results

Similar Description - ICS810-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
logo
Nel Frequency Controls,...
SU-X32AXXX NEL-SU-X32AXXX Datasheet
139Kb / 3P
CMOS/LVCMOS HF VCXO
logo
Integrated Device Techn...
ICS81006I IDT-ICS81006I Datasheet
678Kb / 14P
VCXO-TO-LVCMOS OUTPUTS
ICS810525I IDT-ICS810525I Datasheet
251Kb / 12P
VCXO-TO-LVCMOS/LVTTL OUTPUT
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Nel Frequency Controls,...
AB-X32AXXX-X NEL-AB-X32AXXX-X Datasheet
159Kb / 3P
CMOS/LVCMOS HF VCXO
logo
Integrated Device Techn...
8101925 IDT-8101925 Datasheet
196Kb / 11P
VCXO-to-LVCMOS/ LVTTL Output
logo
Renesas Technology Corp
8101925 RENESAS-8101925 Datasheet
196Kb / 11P
VCXO-to-LVCMOS/ LVTTL Output
November 7, 2016
81006 RENESAS-81006 Datasheet
595Kb / 19P
VCXO-To-6 LVCMOS Outputs
REVISION B 7/29/16
81006I RENESAS-81006I Datasheet
500Kb / 19P
VCXO-To-6 LVCMOS Outputs
7/29/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com