Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS844003I Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS844003I
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844003I Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS844003I Datasheet HTML 1Page - Integrated Circuit Systems ICS844003I Datasheet HTML 2Page - Integrated Circuit Systems ICS844003I Datasheet HTML 3Page - Integrated Circuit Systems ICS844003I Datasheet HTML 4Page - Integrated Circuit Systems ICS844003I Datasheet HTML 5Page - Integrated Circuit Systems ICS844003I Datasheet HTML 6Page - Integrated Circuit Systems ICS844003I Datasheet HTML 7Page - Integrated Circuit Systems ICS844003I Datasheet HTML 8Page - Integrated Circuit Systems ICS844003I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
844003AGI
www.icst.com/products/hiperclocks.html
REV. B AUGUST 25, 2005
3
Integrated
Circuit
Systems, Inc.
ICS844003I
FEMTOCLOCKS™CRYSTAL-TO-LVDS
FREQUENCY SYNTHESIZER
PRELIMINARY
TABLE 3A. BANK A FREQUENCY TABLE
TABLE 3B. BANK B FREQUENCY TABLE
s
t
u
p
n
I
k
c
a
b
d
e
e
F
r
e
d
i
v
i
D
A
k
n
a
B
r
e
d
i
v
i
D
t
u
p
t
u
O
N
/
M
n
o
i
t
a
c
i
l
p
i
t
l
u
M
r
o
t
c
a
F
0
A
Q
n
/
0
A
Q
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
)
z
H
M
(
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
C
)
z
H
M
(
1
A
L
E
S
_
V
I
D0
A
L
E
S
_
V
I
DV
I
D
_
B
F
5
2
.
1
30
0
0
0
21
0
25
2
6
5
2
.
1
30
1
0
0
22
0
15
.
2
1
3
5
2
.
1
31
0
0
0
24
5
5
2
.
6
5
1
5
2
.
1
31
1
0
0
25
4
5
2
1
6
6
6
1
4
0
.
6
20
0
1
4
21
4
25
2
6
6
6
6
1
4
0
.
6
20
1
1
4
22
2
15
.
2
1
3
6
6
6
1
4
0
.
6
21
0
1
4
24
6
5
2
.
6
5
1
6
6
6
1
4
0
.
6
21
1
1
4
25
8
.
4
65
2
1
s
t
u
p
n
I
k
c
a
b
d
e
e
F
r
e
d
i
v
i
D
B
k
n
a
B
r
e
d
i
v
i
D
t
u
p
t
u
O
N
/
M
n
o
i
t
a
c
i
l
p
i
t
l
u
M
r
o
t
c
a
F
0
B
Q
n
/
0
B
Q
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
)
z
H
M
(
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
C
)
z
H
M
(
1
B
L
E
S
_
V
I
D0
B
L
E
S
_
V
I
DV
I
D
_
B
F
5
2
.
1
30
0
0
0
21
0
25
2
6
5
2
.
1
30
1
0
0
22
0
15
.
2
1
3
5
2
.
1
31
0
0
0
24
5
5
2
.
6
5
1
5
2
.
1
31
1
0
0
25
4
5
2
1
6
6
6
1
4
0
.
6
20
0
1
4
21
4
25
2
6
6
6
6
1
4
0
.
6
20
1
1
4
22
2
15
.
2
1
3
6
6
6
1
4
0
.
6
21
0
1
4
24
6
5
2
.
6
5
1
6
6
6
1
4
0
.
6
21
1
1
4
25
8
.
45
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com