Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS844003I Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS844003I
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844003I Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS844003I Datasheet HTML 1Page - Integrated Circuit Systems ICS844003I Datasheet HTML 2Page - Integrated Circuit Systems ICS844003I Datasheet HTML 3Page - Integrated Circuit Systems ICS844003I Datasheet HTML 4Page - Integrated Circuit Systems ICS844003I Datasheet HTML 5Page - Integrated Circuit Systems ICS844003I Datasheet HTML 6Page - Integrated Circuit Systems ICS844003I Datasheet HTML 7Page - Integrated Circuit Systems ICS844003I Datasheet HTML 8Page - Integrated Circuit Systems ICS844003I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
844003AGI
www.icst.com/products/hiperclocks.html
REV. B AUGUST 25, 2005
4
Integrated
Circuit
Systems, Inc.
ICS844003I
FEMTOCLOCKS™CRYSTAL-TO-LVDS
FREQUENCY SYNTHESIZER
PRELIMINARY
TABLE 3C. OUTPUT BANK CONFIGURATION SELECT FUNCTION TABLE
TABLE 3D. FEEDBACK DIVIDER CONFIGURATION SELECT FUNCTION TABLE
s
t
u
p
n
I
V
I
D
_
B
Fe
d
i
v
i
D
k
c
a
b
d
e
e
F
00
2
÷
14
2
÷
s
t
u
p
n
Is
t
u
p
t
u
O
1
A
L
E
S
_
V
I
D0
A
L
E
S
_
V
I
DA
Q
00
1
÷
01
2
÷
10
4
÷
11
5
÷
s
t
u
p
n
Is
t
u
p
t
u
O
1
B
L
E
S
_
V
I
D0
B
L
E
S
_
V
I
DB
Q
00
1
÷
01
2
÷
10
4
÷
11
5
÷
FIGURE 1. CLK_EN TIMING DIAGRAM
Enabled
Disabled
TEST_CLK
CLK_ENx
nQA0,
nQB0:nQB1
QA0,
QB0:QB1
TABLE 3E. CLK_ENA SELECT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
A
N
E
_
K
L
C0
A
Q0
A
Q
n
0W
O
LH
G
I
H
1e
v
i
t
c
Ae
v
i
t
c
A
TABLE 3F. CLK_ENB SELECT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
B
N
E
_
K
L
C1
B
Q
:
0
B
Q1
B
Q
n
:
0
B
Q
n
0W
O
LH
G
I
H
1e
v
i
t
c
Ae
v
i
t
c
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com