Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS7151 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS7151
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7151 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS7151 Datasheet HTML 1Page - Integrated Circuit Systems ICS7151 Datasheet HTML 2Page - Integrated Circuit Systems ICS7151 Datasheet HTML 3Page - Integrated Circuit Systems ICS7151 Datasheet HTML 4Page - Integrated Circuit Systems ICS7151 Datasheet HTML 5Page - Integrated Circuit Systems ICS7151 Datasheet HTML 6Page - Integrated Circuit Systems ICS7151 Datasheet HTML 7Page - Integrated Circuit Systems ICS7151 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Spread Spectrum Clock Generator
MDS 7151 E
5
Revision 012306
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS7151
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±0.3 V, Ambient Temperature -40 to +85
°C
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±0.3 V, Ambient Temperature -40 to +85
° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
No load, at 3.3 V
10
20
mA
Input High Voltage
VIH
XIN, S0, S1, ENS
VDDx0.8
VDD + 0.3
V
Input Low Voltage
VIL
XIN, S0, S1, ENS
0.0
VDDx0.20
V
Output High Voltage
VOH
CKOUT, IOH = -4 mA
2.0
V
Output Low Voltage
VOL
CKOUT, IOL = 4 mA
0.4
V
Input Capacitance
CIN
XIN, S0, S1, ENS
16
pF
Load Capacitance
CL
CKOUT, 8.3 to 66.7
MHz
15
pF
CKOUT, 66.7 to 100
MHz
10
pF
CKOUT, 100 to 133.4
MHz
7pF
Input Pull-up Resistor
RPU
ENS
100
240
400
k
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Crystal Frequency
16.5
33.4
MHz
Input Clock Frequency
fIN
16.5
33.4
MHz
Output Frequency
fOUT
CKOUT, Multiply by 1
(ICS7151-10)
16.5
33.4
MHz
CKOUT, Multiply by 2
(ICS7151-20)
33.3
66.7
MHz
CKOUT, Multiply by 4
(ICS7151-40)
66.6
133.4
MHz
CKOUT, 2-frequency
division (ICS7151-50)
8.3
16.7
MHz
Input Clock Duty Cycle
XIN, 16.5 to 33.4 MHz
40
50
60
%
Output Clock Duty Cycle
tDCC
CKOUT, 1.5 V
40
60
%
Output Slew Rate
CKOUT, 0.4 to 2.4 V,
CL = 15 pF
0.5
3.0
V/ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com