Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS7151 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS7151
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7151 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS7151 Datasheet HTML 1Page - Integrated Circuit Systems ICS7151 Datasheet HTML 2Page - Integrated Circuit Systems ICS7151 Datasheet HTML 3Page - Integrated Circuit Systems ICS7151 Datasheet HTML 4Page - Integrated Circuit Systems ICS7151 Datasheet HTML 5Page - Integrated Circuit Systems ICS7151 Datasheet HTML 6Page - Integrated Circuit Systems ICS7151 Datasheet HTML 7Page - Integrated Circuit Systems ICS7151 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS7151
MDS 7151 E
1
Revision 012306
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
Spread Spectrum Clock Generator
Description
The ICS7151-10, -20, -40, and -50 are clock
generators for EMI (Electro Magnetic Interference)
reduction (see below for frequency ranges and
multiplier ratios). Spectral peaks can be attenuated by
slightly modulating the oscillation frequency. Both down
and center spread profiles are selectable. Down spread
maintains an average frequency less than an unspread
clock, and will not exceed the maximum frequency of
an unspread clock.
Features
Operating voltage of 3.3 V ±0.3 V
Packaged in 8-pin SOIC
Available in Pb (lead) free package
Input frequency range of 16.5 to 33.4 MHz
Output frequency ranges of 8.3 to 16.7 MHz, 16.5 to
33.4 MHz, 33.3 to 66.7 MHz, 66.6 to 133.4 MHz
Provides a spread spectrum clock output (±0.5%,
±1.5% center spread; -1.0%, -3.0% down spread)
Multiplication rates of x1/2, x1, x2, and x4
Advanced, low-power CMOS process
Block Diagram
Product Lineup
Product
Input Frequency Range
Multiplier Ratio
Output Frequency Range
ICS7151M-10, ICS7151MI-10
16.5 MHz to 33.4 MHz
X1
16.5 MHz to 33.4 MHz
ICS7151M-20, ICS7151MI-20
16.5 MHz to 33.4 MHz
X2
33.3 MHz to 66.7 MHz
ICS7151M-40, ICS7151MI-40
16.5 MHz to 33.4 MHz
X4
66.6 MHz to 133.4 MHz
ICS7151M-50, ICS7151MI-50
16.5 MHz to 33.4 MHz
X1/2
8.3 MHz to 16.7 MHz
PLL Clock
Synthesis
and Spread
Spectrum
Circuitry
S1:0
ENS
CKOUT
2
GND
VDD
Clock Buffer/
Crystal
Ocsillator
XIN
XOUT
External caps required with crystal for
accurate tuning of the clock


Similar Part No. - ICS7151

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS7151 IDT-ICS7151 Datasheet
204Kb / 9P
SPREAD SPECTRUM CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS7151A ICST-ICS7151A Datasheet
155Kb / 8P
Spread Spectrum Clock Generator
ICS7151AM-50 ICST-ICS7151AM-50 Datasheet
155Kb / 8P
Spread Spectrum Clock Generator
ICS7151AM-50LF ICST-ICS7151AM-50LF Datasheet
155Kb / 8P
Spread Spectrum Clock Generator
ICS7151AM-50LFT ICST-ICS7151AM-50LFT Datasheet
155Kb / 8P
Spread Spectrum Clock Generator
More results

Similar Description - ICS7151

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com