Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS7151AM-50 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS7151AM-50
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7151AM-50 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS7151AM-50 Datasheet HTML 1Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 2Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 3Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 4Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 5Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 6Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 7Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Spread Spectrum Clock Generator
MDS 7151A-50 A
4
Revision 102005
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS7151A-50
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS7151A-50. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Overshoot/Undershoot
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
-0.5 to 4.0 V
All Inputs and Outputs (referenced to GND)
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-55 to +125
°C
Junction Temperature
-40 to +125
°C
Soldering Temperature
260
°C
Overshoot (VIOVER)
VDD + 1.0 V (tOVER < 50 ns)
Undershoot (VIUNDER)
GND - 1.0 V (tUNDER < 50 ns)
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.0
3.3
3.6
V
Input pin
V
IOVER < VDD + 1.0 V
V
IUNDER < GND - 1.0 V
t
OVER < 50 ns
t
UNDER < 50 ns
V
DD
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com