Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS7151AM-50 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS7151AM-50
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7151AM-50 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS7151AM-50 Datasheet HTML 1Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 2Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 3Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 4Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 5Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 6Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 7Page - Integrated Circuit Systems ICS7151AM-50 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Spread Spectrum Clock Generator
MDS 7151A-50 A
6
Revision 102005
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS7151A-50
Input Frequency (fIN = 1/tIN)
Output Slew Rate
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W
CKIN
t
IN
0.8 V
DD
CKOUT
SR = (2.4 - 0.4) /t
r, SR = (2.4 - 0.4) /tf
t
r
2.4 V
t
f
0.4 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com