Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853054 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853054
Description  4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853054 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853054 Datasheet HTML 1Page - Integrated Circuit Systems ICS853054 Datasheet HTML 2Page - Integrated Circuit Systems ICS853054 Datasheet HTML 3Page - Integrated Circuit Systems ICS853054 Datasheet HTML 4Page - Integrated Circuit Systems ICS853054 Datasheet HTML 5Page - Integrated Circuit Systems ICS853054 Datasheet HTML 6Page - Integrated Circuit Systems ICS853054 Datasheet HTML 7Page - Integrated Circuit Systems ICS853054 Datasheet HTML 8Page - Integrated Circuit Systems ICS853054 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated
Circuit
Systems, Inc.
853054AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 5, 2006
1
ICS853054
4:1, DIFFERENTIAL-TO-3.3V OR 2.5V
LVPECL/ECL CLOCK MULTIPLEXER
PRELIMINARY
GENERAL DESCRIPTION
The ICS853054 is an 4:1 Differential-to-3.3V or
2.5V LVPECL/ECL Clock Multiplexer which
can operate up to 2.5GHz and is a member of
the HiPerClockS™ family of High Performance
Clock Solutions from ICS. The ICS853054 has 4
selectable differential clock inputs. The PCLKx, nPCLKx in-
put pairs can accept LVPECL, LVDS, CML or SSTL levels.
The fully differential architecture and low propagation
delay make it ideal for use in clock distribution circuits. The
select pins have internal pulldown resistors. The SEL1 pin is
the most significant bit and the binary number applied to the
select pins will select the same numbered data input (i.e., 00
selects PCLK0, nPCLK0).
FEATURES
• High speed 4:1 differential multiplexer
• One differential 3.3V or 2.5V LVPECL output
• Four selectable differential PCLK, nPCLK inputs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: 3.2GHz
• Translates any single ended input signal to
LVPECL levels with resistor bias on nPCLKx input
• Part-to-part skew: TBD
• Propagation delay: 465ps (typical)
• Additive phase jitter, RMS: 0.238ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -3.465V to -2.375V
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
PCLK0
nPCLK0
PCLK1
nPCLK1
VCC
SEL0
SEL1
VEE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
Q
nQ
VEE
nPCLK3
PCLK3
nPCLK2
PCLK2
ICS853054
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm package body
G Package
Top View
PCLK0
nPCLK0
PCLK1
nPCLK1
PCLK2
nPCLK2
PCLK3
nPCLK3
00
11
01
10
SEL1
SEL0
Q
nQ
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS853054

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853052 ICST-ICS853052 Datasheet
232Kb / 13P
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853052 IDT-ICS853052 Datasheet
326Kb / 14P
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Integrated Circuit Syst...
ICS853052AG ICST-ICS853052AG Datasheet
232Kb / 13P
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853052AG IDT-ICS853052AG Datasheet
326Kb / 14P
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
ICS853052AGLF IDT-ICS853052AGLF Datasheet
326Kb / 14P
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
More results

Similar Description - ICS853054

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85357-01 ICST-ICS85357-01 Datasheet
120Kb / 12P
4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
REV. A JULY 16, 2001
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
REV. A OCTOBER 7, 2004
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
853S057 RENESAS-853S057 Datasheet
696Kb / 16P
4:1, Differential-To-3.3V, 2.5V LVPECL/ECL Clock Data Multiplexer
AUGUST 13, 2021
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
85356 RENESAS-85356 Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com