Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDT4635-561K Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDT4635-561K
Description  Specifications for Chip Varistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDT4635-561K Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDT4635-561K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev :
www.leiditech.com
3/5
01.08.2021
3
可焊性
Solderability
焊接温度
Solder temperature:240±5℃;
浸渍时间
Dipping Duration:3±0.3s;
①
无可见机械损伤;
No visible mechanical damage.
②
元件端电极的焊锡覆盖率大
90%。
Wetting shall exceed 90% coverage.
4
耐焊性
Resistance to
Soldering Heat
焊接温度
Solder temperature:260±5℃;
浸渍时间
Dipping Duration:5±1s;
①
无可见机械损伤;
No visible mechanical damage.
②
试验前后压敏电压变化率≦
10%。
│
△V1mA /V1mA│≦10%.
5
热冲击
Thermal Shock
高低温交替冲击
100 次。
High and low temperatures Transform for 100 Cycles.
①
无可见机械损伤;
No visible mechanical damage.
②
试验前后压敏电压变化率≦
10%。
│
△V1mA /V1mA│≦10%.
6
高温存放
High Temp.
Storage
温度
Temperature: 150±2℃
保持时间
Duration: 1000±24 h.
7
低温存放
Low Temp.
Storage/ cold
温度
Temperature: -40±2℃
保持时间
Duration: 1000±24 h.
8
高温负载
High Temp. Load
温度
Temperature: 150±2℃
加载电压
Loading Voltage: VAC.
保持时间
Duration: 1000±24 h.
9
湿热负载
Damp Heat Load
温度
Temperature: 40±2℃
湿度
Humidity: 90% ~ 95% RH.
加载电压
Loading Voltage: VAC.
保持时间
Duration: 500±12 h.
10
最大浪涌电流
Maximum Surge
Current
脉冲波形
Pulse waveform: 8/20 us
冲击次数:正反各
1 次
Number of hit: each 1 time of +/- polarity
冲击电流:最大浪涌电流
Applied current: maximum surge current (Ip)
①
无可见机械损伤;
No visible mechanical damage.
②
试验前后压敏电压变化率≦
10%。
│
△V1mA /V1mA│≦10%.
20sec. (max.)
30min
-40℃
150℃
30 min
30 min
LDT4635-391K~LDT4635-561K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com