Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDT4635-561K Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDT4635-561K
Description  Specifications for Chip Varistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDT4635-561K Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDT4635-561K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev :
www.leiditech.com
4/5
01.08.2021
6
编带
Taping
(1)载带尺寸(单位:mm)
Carrier tape dimensions. (Unit: mm)
类型
Type
A0
(±0.1)
B0
(±0.1)
K0
(±0.1)
T Max.
W
(±0.1)
P0
(±0.05)
P1
(±0.1)
P2
(±0.1)
4635
9.3
12.3
4.15
0.30
24.0
4.0
4.0
2.0
(2)卷盘尺寸 Taping reel dimensions
类型
Type
规格
Spec.
尺寸
Dimensions(mm)
A
W
C
4635
13"
330±1.5
27+2.0/-0.0
72±1.0
类型
Type
载带
Tape
每盘数量(片)
Quantity(pcs/reel)
4635
塑载带
1K
(3)包装数量 Packaging quantity
7
焊接建议
Soldering Recommendation
(1)建议基板 Recommended Land pattern
类型
Type
A(mm)
B(mm)
C(mm)
4635
8.0~9.0
1.6~1.8
5.0~6.0
A
C
B
LDT4635-391K~LDT4635-561K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com