Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD05CB Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD05CB
Description  1-Line Bi-directional Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD05CB Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD05CB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD05CB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD05CB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SD05CB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Rev :
www.leiditech.com
2/4
Portion Electronics Parameter
Parameter
Symbol
Test Condition
Min
Typ Max Unit
Reverse Working Voltage
VRWM
5.0
V
Breakdown Voltage
VBR
IT = 1mA
6.0
V
Reverse Leakage Current
IR
VRWM = 5.0V
0.5
µA
Clamping Voltage
VC
IPP = 1A (8 x 20µs pulse)
7.5
V
Clamping Voltage
VC
IPP = 8A (8 x 20µs pulse)
12
V
Junction Capacitance
CJ
VR = 0V, f = 1MHz
15
18
pF
Symbol
Parameter
IT
Test Current
IPP
Maximum Reverse Peak Pulse Current
Vc
Clamping Voltage @Ic
SD0
5CB
01.06.2021



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com