Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD05CB Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD05CB
Description  1-Line Bi-directional Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD05CB Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD05CB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD05CB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD05CB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SD05CB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD0
5CB
1-Line Bi-directional Diode
Features
●
●
●
●
Dimensions SOD-323
Pin Configuration
Mechanical Characteristics
●
●
●
●
Rev :
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
01.06.2021
1/4
Applications
●
●
●
●
●
●
●
●
Package: SOD-323
RoHS Compliant
Quantity Per Reel: 3,000 pcs
Reel Size: 7 inch
●
Device Marking: 5C
Ultra low capacitance: 15pF typical
Ultra low leakage: nA level
Low operating voltage: 5V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 8A (8/20μs)
Cellular Handsets and Accessories
Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
Audio Players
Keypads, Side Keys, LCD Displays
●
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppk
100
W
Peak Pulse Current (8/20µs)
IPP
8
A
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±30
±30
kV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C


Similar Part No. - SD05CB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics?
SD05C SEMTECH-SD05C Datasheet
152Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
SeCoS Halbleitertechnol...
SD05C SECOS-SD05C Datasheet
252Kb / 2P
130W Bi-Direction Transient Voltage Suppressors Diode
logo
Littelfuse
SD05C LITTELFUSE-SD05C Datasheet
702Kb / 4P
450W Discrete Bidirectional TVS Diode
logo
Shanghai Semitech Semic...
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
Unidirectional Configurations
More results

Similar Description - SD05CB

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
logo
TECH PUBLIC Electronics...
PESD3V3L1BA TECHPUBLIC-PESD3V3L1BA Datasheet
2Mb / 4P
1-Line Bi-directional Diode
PESD12VL1BA TECHPUBLIC-PESD12VL1BA Datasheet
994Kb / 4P
1-Line Bi-directional Diode
PSD03C TECHPUBLIC-PSD03C Datasheet
1,010Kb / 4P
1-Line Bi-directional Diode
SD03C TECHPUBLIC-SD03C Datasheet
964Kb / 4P
1-Line Bi-directional Diode
TPE03GHC TECHPUBLIC-TPE03GHC Datasheet
1,023Kb / 4P
1-Line Bi-directional Diode
TPE12EC TECHPUBLIC-TPE12EC Datasheet
2Mb / 4P
1-Line Bi-directional Diode
TPPESD3V3L1BA TECHPUBLIC-TPPESD3V3L1BA Datasheet
1Mb / 4P
1-Line Bi-directional Diode
SMF3.3CA TECHPUBLIC-SMF3.3CA Datasheet
14Mb / 4P
1-Line Bi-directional Diode
PSD12C TECHPUBLIC-PSD12C Datasheet
1Mb / 4P
1-Line Bi-directional Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com