Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2640I Datasheet(PDF) 26 Page - Microchip Technology

Part # USB2640I
Description  Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2640I Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB2640I Datasheet HTML 22Page - Microchip Technology USB2640I Datasheet HTML 23Page - Microchip Technology USB2640I Datasheet HTML 24Page - Microchip Technology USB2640I Datasheet HTML 25Page - Microchip Technology USB2640I Datasheet HTML 26Page - Microchip Technology USB2640I Datasheet HTML 27Page - Microchip Technology USB2640I Datasheet HTML 28Page - Microchip Technology USB2640I Datasheet HTML 29Page - Microchip Technology USB2640I Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
USB2640i/USB2641i
DS00001948C-page 26
 2015-2021 Microchip Technology Inc.
7.3.3.6
1Eh: USB Language String Descriptor Length
7.3.3.7
1Fh: USB Language String Descriptor Type
7.3.3.8
20h: USB Language Identifier Least Significant Byte
7.3.3.9
21h: USB Language Identifier Most Significant Byte
7.3.3.10
22h: USB Manufacturer String Descriptor Length
7.3.3.11
23h: USB Manufacturer String Descriptor Type
7.3.3.12
24h-31h: USB Manufacturer String
7.3.3.13
32h-5Dh: Reserved
Byte
Name
Description
0
USB_LANG_LEN
USB serial string descriptor length as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength” which
describes the size of the string descriptor (in bytes).
Byte
Name
Description
1
USB_LANG_TYP
USB serial string descriptor type as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bDescriptorType”
which is a constant value associated with a string descriptor type.
Byte
Name
Description
2
USB_LANG_ID
_LSB
English Language Code = ‘0409’. See Note 7-3 to reference additional
language ID’s defined by the USB-IF.
Byte
Name
Description
3
USB_LANG_ID
_MSB
English Language Code = ‘0409’. See Note 7-3 to reference additional
language ID’s defined by the USB-IF.
Byte
Name
Description
0
USB_MFR_STR
_LEN
USB serial string descriptor length as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength” which
describes the size of the string descriptor (in bytes).
Byte
Name
Description
1
USB_MFR_STR
_TYP
USB serial string descriptor type as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bDescriptorType”
which is a constant value associated with a string descriptor type.
Byte
Name
Description
15:2
USB_MFR_STR
Maximum string length is 28 characters. (See Note 7-4)
Byte
Name
Description
59:16
Reserved
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com