Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2640I Datasheet(PDF) 42 Page - Microchip Technology

Part # USB2640I
Description  Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2640I Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB2640I Datasheet HTML 38Page - Microchip Technology USB2640I Datasheet HTML 39Page - Microchip Technology USB2640I Datasheet HTML 40Page - Microchip Technology USB2640I Datasheet HTML 41Page - Microchip Technology USB2640I Datasheet HTML 42Page - Microchip Technology USB2640I Datasheet HTML 43Page - Microchip Technology USB2640I Datasheet HTML 44Page - Microchip Technology USB2640I Datasheet HTML 45Page - Microchip Technology USB2640I Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
USB2640i/USB2641i
DS00001948C-page 42
 2015-2021 Microchip Technology Inc.
8.0
PIN RESET STATES
8.1
Pin Reset States
FIGURE 8-1:
PIN RESET STATES
TABLE 8-1:
LEGEND FOR PIN RESET STATES TABLE
Symbol
Description
Y
Hardware enables function
0
Output low
1
Output high
--
Hardware disables function
Z
Hardware disables output driver (high impedance)
PU
Hardware enables pull-up
PD
Hardware enables pull-down
HW
Hardware controls function, but state is protocol dependent
(FW)
Firmware controls function through registers
VDD
Hardware supplies power through pin, applicable only to
CARD_PWR pin
none
Hardware disables pad
TABLE 8-2:
USB2640I PIN RESET STATES
Reset State
Pin
Pin Name
Function
Output
PU/PD
Input
1
USBDN_DM2
USBDN_DM2
0
PD
--
2
USBDN_DP2
USBDN_DP2
0
PD
--
3
USBDN_DM3
USBDN_DM3
0
PD
--
4
USBDN_DP3
USBDN_DP3
0
PD
--
6PRTCTL2
PRTCTL
0
--
--
Voltage
Signal (v)
Time
(t)
RESET
RESET
Hardware
Initialization
Firmware
Operational
VDD33
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com