Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRK.430 Datasheet(PDF) 6 Page - International Rectifier

Part # IRK.430
Description  SUPER MAGN-A-pak-TM Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK.430 Datasheet(HTML) 6 Page - International Rectifier

  IRK.430 Datasheet HTML 1Page - International Rectifier IRK.430 Datasheet HTML 2Page - International Rectifier IRK.430 Datasheet HTML 3Page - International Rectifier IRK.430 Datasheet HTML 4Page - International Rectifier IRK.430 Datasheet HTML 5Page - International Rectifier IRK.430 Datasheet HTML 6Page - International Rectifier IRK.430 Datasheet HTML 7Page - International Rectifier IRK.430 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRK.430.. Series
6
Bulletin I27400 rev. A 09/97
www.irf.com
Fig. 3 - On-state Power Loss Characteristics
Fig. 4 - On-state Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-state Power Loss Characteristics
0
100
200
300
400
500
600
700
0
100
200
300
400
500
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
Average On-state Current (A)
IRK.430.. Series
Per Junction
T = 130°C
J
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
700
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
IRK.430.. Series
Per Junction
T = 130°C
J
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 130°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
IRK.430.. Series
Per Junction
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 130°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
IRK.430.. Series
Per Junction
0
204060
80
100
120
Maximum Allowable Ambient Temperature (°C)
0.1
2
K/
W
0.1
6
K/W
0.2
K/W
0.3
K /W
0.4
K/W
0.6 K/W
0
100
200
300
400
500
600
700
800
0
100
200
300
400
500
600
700
180°
120°
90°
60°
30°
Total RMS Output Current (A)
Conduction Angl e
IRK.430.. Series
Per Module
T = 130°C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com