Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRK.430 Datasheet(PDF) 1 Page - International Rectifier

Part # IRK.430
Description  SUPER MAGN-A-pak-TM Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK.430 Datasheet(HTML) 1 Page - International Rectifier

  IRK.430 Datasheet HTML 1Page - International Rectifier IRK.430 Datasheet HTML 2Page - International Rectifier IRK.430 Datasheet HTML 3Page - International Rectifier IRK.430 Datasheet HTML 4Page - International Rectifier IRK.430 Datasheet HTML 5Page - International Rectifier IRK.430 Datasheet HTML 6Page - International Rectifier IRK.430 Datasheet HTML 7Page - International Rectifier IRK.430 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
430 A
THYRISTOR / DIODE and
THYRISTOR / THYRISTOR
Bulletin I27400 rev. A 09/97
1
IRK.430.. SERIES
SUPER MAGN-A-pakTM Power Modules
www.irf.com
Major Ratings and Characteristics
Parameters
IRK.430..
Units
I
T(AV)
or I
F(AV)
430
A
@ T
C
82
°C
IT(RMS)
675
A
@ T
C
82
°C
I
TSM
or I
FSM
@ 50Hz
15.7
KA
@ 60Hz
16.4
KA
I
2t
@ 50Hz
1232
KA
2s
@ 60Hz
1125
KA
2s
I
2√t
12320
KA
2√s
V
DRM
/V
RRM
range
1600 to 2000
V
T
STG
range
- 40 to 150
°C
T
J
range
- 40 to 130
°C
Features
High current capability
3000 V
RMS
isolating voltage with non-toxic substrate
High surge capability
High voltage ratings up to 2000V
Industrial standard package
UL recognition pending
Typical Applications
Motor starters
DC motor controls - AC motor controls
Uninterruptable power supplies
Wind mill


Similar Part No. - IRK.430

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.41 IRF-IRK.41 Datasheet
233Kb / 10P
ADD-A-pakTM GEN V Power Modules
More results

Similar Description - IRK.430

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
SUPER MAGN-A-PAK??Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
SUPER MAGN-A-PAK??Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
SUPER MAGN-A-PAK Power Modules
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
SUPER MAGN-A-pak Power Modules
IRK320 IRF-IRK320 Datasheet
296Kb / 11P
MAGN-A-pak Power Modules
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
MAGN-A-pak??Power Modules
logo
Vishay Siliconix
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
02-Jul-10
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
MAGN-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com