Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM3K Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SM3K
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SM3K Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SM3K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SM3K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SM3K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SM3K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SM3K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃)
R
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
μA
min(V) max(V)
mA
max(V)
A
①
Surge waveform:8/20μs
VR:Stand-off voltage -- Maximum voltage that can be applied
VBR:Breakdown voltage
VC:Clamping voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR:Reverse leakage current
ORDERING INFORMATION 
 
RATINGS AND V‐I CHARACTERISTICS CURVES (TA=25ºC, unless otherwise noted) 
FIG.1:V- I curve characteristics
(Uni-directional)
FIG.2:V- I curve characteristics
(Bi-directional)
IPP
VC VBR VR
VF
V
IPP
VC VBR VR
V
VC
VBR
VR
IR
IT
IR
IT
I
I
IPP
IF
IR
IT
SM3K Series Transient Voltage Suppressor
Part Number
V
V
Uni-Polar
Bi-Polar
SM3K5A
SM3K5C
SM3K6A
SM3K6C
5.0
800
6.40
7.10
10
20
3000
6.0
800
6.50
7.40
10
22
3000
Rev :
www.leiditech.com
01.06.2018
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com