Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM3K Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SM3K
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SM3K Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SM3K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SM3K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SM3K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SM3K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SM3K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGE MECHANICAL DATA 
D im ensions
M illim eters
Inches
Ref.
Min.
A
B
C
D
E
F
G
5.75
6.90
2.75
0.95
7.70
0.15
0.051
B
D O -2 14A B (S M C )
D
E
G
H2.15
Max.
6.25
7.40
3.25
1.52
8.20
0.203
0.31
2.62
Min.
0.226
0.272
0.108
0.037
0.303
0.002
0.006
0.085
Max.
0.246
0.291
0.128
0.060
0.323
0.008
0.012
0.103
J
J
K
2.40
L
3.30
4.20
0.094
0.130
0.165
J
K
 
SM3K Series Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2018
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com