Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC20455 Datasheet(PDF) 14 Page - STMicroelectronics

Part # MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button MTC20455 Datasheet HTML 10Page - STMicroelectronics MTC20455 Datasheet HTML 11Page - STMicroelectronics MTC20455 Datasheet HTML 12Page - STMicroelectronics MTC20455 Datasheet HTML 13Page - STMicroelectronics MTC20455 Datasheet HTML 14Page - STMicroelectronics MTC20455 Datasheet HTML 15Page - STMicroelectronics MTC20455 Datasheet HTML 16Page - STMicroelectronics MTC20455 Datasheet HTML 17Page - STMicroelectronics MTC20455 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MTC20455
14/23
Generic TC Layer Functions
These functions relate to byte oriented data streams. They are completely described in ANSI T1.413. Ad-
ditions described in the Issue 2 of this specification are also supported. The data received from the demap-
per is split into two paths, one dedicated to an interleaved data flow, the other one for a non-interleaved
data flow. These data flows are also referred to as slow and fast data flows. The interleaving/-de-interleav-
ing is used to increase the error correcting capabilityof block codes for error bursts. After de-interleaving
(if applicable), the data flow enters a Reed-Solomon error correcting code decoder, able to correct a num-
ber of bytes containing bit errors. The decoder also uses the information of previous receiving stages that
may have detected the errored bytes and have labelled them with an “erasure” indication. Each time the
RS decoder detects and corrects errors in a RS codeword, an RS correction event is generated. The oc-
currence of such events can be signalled to the management layer. After leaving the RS decoder, the cor-
rected byte stream is descrambled in the PMD (Physical Medium Dependent) descramblers.
Two descramblers are used, for interleaved and non-interleaved data flows. These are defined in ANSI
T1.413. After descrambling, the data flows enter the Deframer that extracts and processes bytes to sup-
port physical layer-related functions according to ANSI T1.413. The ADSL frames indeed contain physical
layer-related information in addition to the data passed to the higher layers. In particular, the deframer ex-
tracts the EOC (Embedded Operations Channel), the AOC (ADSL Overhead Control) and the indicators
bits and passes them to the appropriate processing unit (e.g. the transceiver controller). The deframer also
performs a CRC check (Cyclic Redundancy Check) on the received frame and generates events in case
of error detection. Event counters can be read by management processes. The outputs of the deframer
are an interleaved and a fast data stream. These data streams can either carry ATM cells or another type
of traffic. In the latter case, the ATM specific TC layer functional block, described hereafter, is bypassed
and the data stream is directly presented at the input of the interface module.
Figure 6. Generic TC Layer Functions
ATM Specific TC Layer Functions
The 2 byte streams (fast and slow) are received from the byte-based processing unit. When ATM cells are
transported, this block provides basic cell functions such as cell synchronisa-tion, cell payload descram-
bling, idle/-unassigned cell filter, cell Header Error Correction (HEC) and detection. The cell processing
happens according to ITU-T I.163 standard. Provision is also made for BER measurements at this ATM
cell level. When non cell oriented byte streams are transported, the cell processing unit is not active.
From
Demapper
To
ATM TC
RS
coding
PMD
descrambler
PMD
descrambler
Detramer
Indications bits
AOC
EOC
De-inter-
leaver
FAST
AST
F
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com