Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC20455 Datasheet(PDF) 15 Page - STMicroelectronics

Part # MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button MTC20455 Datasheet HTML 11Page - STMicroelectronics MTC20455 Datasheet HTML 12Page - STMicroelectronics MTC20455 Datasheet HTML 13Page - STMicroelectronics MTC20455 Datasheet HTML 14Page - STMicroelectronics MTC20455 Datasheet HTML 15Page - STMicroelectronics MTC20455 Datasheet HTML 16Page - STMicroelectronics MTC20455 Datasheet HTML 17Page - STMicroelectronics MTC20455 Datasheet HTML 18Page - STMicroelectronics MTC20455 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
MTC20455
Figure 7. ATM Specific TC Layer Functions
DMT Symbol Timing Unit (DSTU)
The DSTU interfaces with various modules, like DSP Front-End, FFT/IFFT, Mapper/Demapper, RS, Mon-
itor and Transceiver Controller. It consists of a real time and a scheduler module. The real time unit gen-
erates a time-base for the DMT symbols (sample counter), superframes (symbol counter) and
hyperframes (sync counter). The timebases can be modified by various control features. They are contin-
uously fine-tuned by the DPLL module. The DSTU schedulers execute a program, controlled by program
opcodes and a set of variables, the most important of which are real time counters. The transmit and re-
ceive sequencers are completely independent and run different programs. An independent set of variables
is assigned to each of them. The sequencer programs can be updated in real time.
Interface Module
The interface module collects cells (from the cell-based function module) or a byte stream (from the de-
framer). Cells are stored in FIFO’s (424 bytes or 8 cells wide, transmit buffers have the same size), from
which they are extracted by the interface submodule, providing an Utopia level 2 interface.
Analog Front-End Control Interface
The Analog Front-End Interface is designed to be connected to the MTC20154 or MTC20454 Analog
Front-End component Transmit Interface The 16 bit words are multiplexed on 4 AFTXD output signals. As
a result 4 cycles are needed to transfer 1 word. Refer to Table 10 for the bit/pin allocation for the 4 cycles.
The first of 4 cycles is identified by the CLWD signal (Fig.7). The Analog Front-End fetches the 16 bit word
to be multiplexed on AFTXD from the Tx Digital Front-End module.
Table 10. Bits assigned to pins/time slot for single line interface
Cycle 0
Cycle 1
Cycle 2
Cycle 3
AFRXD_i[0]
b0
b4
b8
b12
AFRXD_i[1]
b1
b5
b9
b13
AFRXD_i[2]
b2
b6
b10
b14
AFRXD_i[3]
b3
b7
b11
b15
GP_IN
t0
t1
t2
t3
From Generic TC
FAST
SLOW
To Interface
Module
Cell
Descrambler
Synchronizer
HEC
Cell filter
Cell
Descrambler
Synchronizer
HEC
Cell filter
BER
BER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com