Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B180N55 Datasheet(PDF) 1 Page - STMicroelectronics

Part # B180N55
Description  N-CHANNEL 55V - 2.9m-ohm - 120A - D-2 PAK - TO-220 MDmesh-TM Low Voltage Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B180N55 Datasheet(HTML) 1 Page - STMicroelectronics

  B180N55 Datasheet HTML 1Page - STMicroelectronics B180N55 Datasheet HTML 2Page - STMicroelectronics B180N55 Datasheet HTML 3Page - STMicroelectronics B180N55 Datasheet HTML 4Page - STMicroelectronics B180N55 Datasheet HTML 5Page - STMicroelectronics B180N55 Datasheet HTML 6Page - STMicroelectronics B180N55 Datasheet HTML 7Page - STMicroelectronics B180N55 Datasheet HTML 8Page - STMicroelectronics B180N55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TARGET SPECIFICATION
Rev 1
January 2006
1/11
11
This is a preliminary information on a new product foreseen to be developed. Details are subject to change without notice
STB180N55
STP180N55
N-CHANNEL 55V - 2.9m
Ω - 120A - D²PAK - TO-220
MDmesh™ Low Voltage Power MOSFET
General features
■
ULTRA LOW ON-RESISTANCE
■
100% AVALANCHE TESTED
Description
This N-Channel enhancement mode MOSFET is
the latest refinement of STMicroelectronic unique
“Single Feature Size™“ strip-based process with
less critical aligment steps and
therefore a
remarkable manufacturing reproducibility. The
resulting transistor shows extremely high packing
density for low on-resistance, rugged avalanche
characteristics and low gate charge.
Applications
■
HIGH CURRENT SWITCHING APPLICATION
Order codes
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB180N55
55V
3.5m
Ω
120A (Note 1)
STP180N55
55V
3.8m
Ω
120A (Note 1)
1
3
D²PAK
1
2
3
TO-220
Sales Type
Marking
Package
Packaging
STB180N55
B180N55
D²PAK
TAPE & REEL
STP180N55
P180N55
TO-220
TUBE
www.st.com


Similar Part No. - B180N55

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B180 DIODES-B180 Datasheet
64Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. B-2
logo
Lite-On Technology Corp...
B180 LITEON-B180 Datasheet
36Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B180 WEITRON-B180 Datasheet
94Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B180 DIODES-B180 Datasheet
361Kb / 3P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 6 - 2
logo
Compact Technology Corp...
B180 CTC-B180 Datasheet
54Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B180N55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB150NF55 STMICROELECTRONICS-STB150NF55 Datasheet
551Kb / 14P
N-CHANNEL 55V - 0.005 ohm -120A D²PAK/TO-220/TO-247 STripFET™ II POWER MOSFET
October 2002
STP80NF55L-06 STMICROELECTRONICS-STP80NF55L-06 Datasheet
83Kb / 8P
N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET
Oct-1999
STB185N55 STMICROELECTRONICS-STB185N55 Datasheet
223Kb / 12P
N-channel 55V - 2.9mohm - 120A - D2PAK/TO-220
01-Aug-2006
STB160N75F3 STMICROELECTRONICS-STB160N75F3 Datasheet
361Kb / 13P
N-channel 75V - 3.5m ohm - 120A - TO-220 - TO-247 - D2PAK MDmesh TM low voltage Power MOSFET
07-Feb-2007
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
21-Feb-2007
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STB185N55F3 STMICROELECTRONICS-STB185N55F3 Datasheet
335Kb / 14P
N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET??Power MOSFET
28-Jun-2007
STB180N55F3 STMICROELECTRONICS-STB180N55F3 Datasheet
440Kb / 14P
N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
01-Jun-2007
logo
Xian Semipower Electron...
SW50N06T SEMIPOWER-SW50N06T Datasheet
747Kb / 6P
N-channel D-PAK/TO-220 MOSFET
SW630A SEMIPOWER-SW630A Datasheet
453Kb / 5P
N-channel TO-220/D-PAK MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com