Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B180N55 Datasheet(PDF) 5 Page - STMicroelectronics

Part # B180N55
Description  N-CHANNEL 55V - 2.9m-ohm - 120A - D-2 PAK - TO-220 MDmesh-TM Low Voltage Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B180N55 Datasheet(HTML) 5 Page - STMicroelectronics

  B180N55 Datasheet HTML 1Page - STMicroelectronics B180N55 Datasheet HTML 2Page - STMicroelectronics B180N55 Datasheet HTML 3Page - STMicroelectronics B180N55 Datasheet HTML 4Page - STMicroelectronics B180N55 Datasheet HTML 5Page - STMicroelectronics B180N55 Datasheet HTML 6Page - STMicroelectronics B180N55 Datasheet HTML 7Page - STMicroelectronics B180N55 Datasheet HTML 8Page - STMicroelectronics B180N55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STP180N55 - STB180N55
3 Test circuits
5/11
3
Test circuits
Figure 1.
Switching Times Test Circuit For
Resistive Load
Figure 2.
Gate Charge Test Circuit
Figure 3.
Test Circuit For Indictive Load
Switching and Diode Recovery
Times
Figure 4.
Unclamped Inductive Waveform
Figure 5.
Unclamped Inductive Load Test
Circuit
Figure 6.
Switching Time Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com