Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM68B261A Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KM68B261A
Description  32K x 8 Bit High-Speed BiCMOS Static RAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68B261A Datasheet(HTML) 7 Page - Samsung semiconductor

  KM68B261A Datasheet HTML 1Page - Samsung semiconductor KM68B261A Datasheet HTML 2Page - Samsung semiconductor KM68B261A Datasheet HTML 3Page - Samsung semiconductor KM68B261A Datasheet HTML 4Page - Samsung semiconductor KM68B261A Datasheet HTML 5Page - Samsung semiconductor KM68B261A Datasheet HTML 6Page - Samsung semiconductor KM68B261A Datasheet HTML 7Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
KM68B261A
BiCMOS SRAM
Rev 2.0
October-1994
7
PACKAGE DIMENSIONS
Unit: mm / Inch
32-SOJ-300
0.10 Max.
#1
#32
0.69
0.027
Min.
21.36
0.841
20.96 ± 0.12
0.825 ± 0.005
Max.
0.004 Max.
0.43
0.017
+0.10
-0.05
+0.004
-0.002
0.71
0.028
+0.10
-0.05
+0.004
-0.002
1.27
0.050
0.95
0.037
*Note : Do not include mold protrusion



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com