Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSD08C Datasheet(PDF) 5 Page - FutureWafer Tech Co.,Ltd

Part # FSD08C
Description  Single Line TVS for ESD Protection Device in Portable Electronics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FSD08C Datasheet(HTML) 5 Page - FutureWafer Tech Co.,Ltd

  FSD08C Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Document No.:F118065
13-Jul-2021 V2.1
www.futurewafer.com.tw
FSD03C through FSD24C
Reel
Dia.
Tape
width
A0
B0
K0
D
E
F
W
P0
P2
P
tmax
178mm 8mm
1.55
±0.1
2.9
±0.1
1.35
±0.1
1.5
±0.1
1.75
±0.1
3.5
±0.05
8.0
±0.3
4.0
±0.1
2.0
±0.05
4.0
±0.1
0.25
10. Tape & Reel Information
Single Line TVS for ESD Protection Device
in Portable Electronics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com