Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSD08C Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FSD08C
Description  Single Line TVS for ESD Protection Device in Portable Electronics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FSD08C Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FSD08C Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd FSD08C Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Document No.:F118065
13-Jul-2021 V2.1
www.futurewafer.com.tw
FSD03C through FSD24C
1. Applications
●
Personal Digital Assistance
●
Wireless System
●
Cellular Phones
●
Desktops and servers
●
Pagers
●
Peripherals
2. Feature List
●
Bi-directional Configurations
●
ESD Protection:Level 4
●
Low Clamping Voltage
●
450 Watts Peak Pulse Power Per Line (tp=8/20uS)
●
Working Voltages:3.3V,5V,12V,15V,24V
●
Protection One Power Line or I/O Port
SOD323
3. IEC Compatibility
●
EN61000-4
●
61000-4-2(ESD):Level 4,Contact:±30KV,Air:±30KV
●
61000-4-4(EFT):40A-5/50ns
●
61000-4-5(Surge):28A(3.3V),8/20us
Maximum Ratings@25°C Unless Otherwise Specified
Parameter
Symbol
Value
Units
Peak Pulse Power (tp=8/20us) see fig 1.
P PP
450
Watts
ESD Voltage (HBM Waveform Per IEC 61000-4-2)
V ESD
30
KV
Operating Temperature
T J
°C
-55 ~ +150
Storage Temperature
T STG
5. Device Characteristics
Single Line TVS for ESD Protection Device
in Portable Electronics
4. Mechanical Characteristics
●
Molded JEDEC SOD-323 Package
●
Packing: Tape and Reel
●
Flammability Rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification :Level 1


Similar Part No. - FSD08C

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FSD0325D FUTUREWAFER-FSD0325D Datasheet
1Mb / 7P
Extra Small Package ESD Protection Device
FSD03C FUTUREWAFER-FSD03C Datasheet
827Kb / 4P
Single Line TVS for ESD Protection Device in Portable Electronics
FSD052DS FUTUREWAFER-FSD052DS Datasheet
699Kb / 5P
Standard ESD Protection Device
FSD05C FUTUREWAFER-FSD05C Datasheet
827Kb / 4P
Single Line TVS for ESD Protection Device in Portable Electronics
More results

Similar Description - FSD08C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
FutureWafer Tech Co.,Lt...
BLC03CX-1.5PF FUTUREWAFER-BLC03CX-1.5PF Datasheet
892Kb / 5P
Single Line TVS for ESD Protection Device in Portable Electronics
BSD03C FUTUREWAFER-BSD03C Datasheet
700Kb / 4P
Single Line TVS for ESD Protection Device in Portable Electronics
FCL33X-50PF FUTUREWAFER-FCL33X-50PF Datasheet
745Kb / 5P
Single Line TVS for ESD Protection Device in Portable Electronics
BLC03CX FUTUREWAFER-BLC03CX Datasheet
892Kb / 5P
Single Line TVS for ESD Protection Device in Portable Electronics
FCL33X FUTUREWAFER-FCL33X Datasheet
745Kb / 5P
Single Line TVS for ESD Protection Device in Portable Electronics
FSD03C FUTUREWAFER-FSD03C Datasheet
827Kb / 4P
Single Line TVS for ESD Protection Device in Portable Electronics
BSD03C FUTUREWAFER-BSD03C_V01 Datasheet
831Kb / 6P
Single Line TVS for ESD Protection Device in Portable Electronics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com