Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC1932 Datasheet(PDF) 40 Page - Microchip Technology

Part # PAC1932
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932 Datasheet(HTML) 40 Page - Microchip Technology

Back Button PAC1932 Datasheet HTML 36Page - Microchip Technology PAC1932 Datasheet HTML 37Page - Microchip Technology PAC1932 Datasheet HTML 38Page - Microchip Technology PAC1932 Datasheet HTML 39Page - Microchip Technology PAC1932 Datasheet HTML 40Page - Microchip Technology PAC1932 Datasheet HTML 41Page - Microchip Technology PAC1932 Datasheet HTML 42Page - Microchip Technology PAC1932 Datasheet HTML 43Page - Microchip Technology PAC1932 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 40
 2017-2019 Microchip Technology Inc.
REGISTER 6-7:
VBUSN_AVG RESULT REGISTERS VBUS1_AVG (0FH), VBUS2_AVG (10H),
VBUS3_AVG (11H), VBUS4_AVG (12H)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
VBUSn_AVG[15:8]
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
VBUSn_AVG[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
VBUSn_AVG[15:0]: contain a rolling average of the eight most recent VBUS measurements. They have
the same format as the values in the VBUS registers.
REGISTER 6-8:
VSENSEn AVG RESULT REGISTER VSENSE1_AVG (13H), VSENSE2_AVG (14H),
VSENSE3_AVG(15H), VSENSE4_AVG (16H)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
VSENSEn_AVG[15:8]
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
VSENSEn_AVG[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
VSENSEn_AVG[15:0]: contain a rolling average of the eight most recent VSENSE results.
They have the same format as the values in the VSENSE registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com