Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC1932 Datasheet(PDF) 13 Page - Microchip Technology

Part # PAC1932
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PAC1932 Datasheet HTML 9Page - Microchip Technology PAC1932 Datasheet HTML 10Page - Microchip Technology PAC1932 Datasheet HTML 11Page - Microchip Technology PAC1932 Datasheet HTML 12Page - Microchip Technology PAC1932 Datasheet HTML 13Page - Microchip Technology PAC1932 Datasheet HTML 14Page - Microchip Technology PAC1932 Datasheet HTML 15Page - Microchip Technology PAC1932 Datasheet HTML 16Page - Microchip Technology PAC1932 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 13
PAC1931/2/3/4
Figure 2-31 shows the equivalent circuitry for the input
channels of the PAC193X devices. ESD protection
diodes include two 40V breakdown diodes. Input
leakage current is very low (no DC bias current). The
switched capacitor sampling circuits shown as a switch
with equivalent series resistance and sampling
capacitor. The switches work at 1024 samples per
second (SPS) maximum, independent of sampling rate
(at 8 SPS, the device is sleeping in between samples).
Input impedance for each input is about 32 MΩ.
FIGURE 2-31:
Equivalent Input Circuits for PAC193X Devices.
VSS/GND
VSENSE+
VSENSE-
6 k
Ω
6 k
Ω
29 k
Ω
30 pF
30 pF
1.2 pF
40V
1
1
1
40V
1 k
Ω
1
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com