Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF1221 Datasheet(PDF) 21 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TRF1221 Datasheet HTML 17Page - Texas Instruments TRF1221 Datasheet HTML 18Page - Texas Instruments TRF1221 Datasheet HTML 19Page - Texas Instruments TRF1221 Datasheet HTML 20Page - Texas Instruments TRF1221 Datasheet HTML 21Page - Texas Instruments TRF1221 Datasheet HTML 22Page - Texas Instruments TRF1221 Datasheet HTML 23Page - Texas Instruments TRF1221 Datasheet HTML 24Page - Texas Instruments TRF1221 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.ti.com
APPLICATION INFORMATION
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
A typical application schematic is shown in Figure 23, while a mechanical drawing of the package outline (LPCC
Quad 7 mm
× 7 mm, 48 pin) is presented in Figure 24.
The recommended PCB layout mask is shown in Figure 25. PCB material recommendations are shown in ,
Table 1and Figure 22.
Table 1. PCB Recommendations
Board material
FR4
Board material core thickness
10 mil
Copper thickness (starting)
1 oz
Prepreg thickness
8 mil
Recommended number of layers
4
Via plating thickness
0.5 oz
Final plate
White immersion tin
Final board thickness
33–37 mil
Figure 22. PCB Construction and Via Cross Section
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com