Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF1221 Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 3 Page - Texas Instruments

  TRF1221 Datasheet HTML 1Page - Texas Instruments TRF1221 Datasheet HTML 2Page - Texas Instruments TRF1221 Datasheet HTML 3Page - Texas Instruments TRF1221 Datasheet HTML 4Page - Texas Instruments TRF1221 Datasheet HTML 5Page - Texas Instruments TRF1221 Datasheet HTML 6Page - Texas Instruments TRF1221 Datasheet HTML 7Page - Texas Instruments TRF1221 Datasheet HTML 8Page - Texas Instruments TRF1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
TERMINAL FUNCTIONS
TERMINAL
I/O
TYPE
DESCRIPTION
NO.
NAME
1
CP2O
O
Analog
Synthesizer 2 charge pump output
2
LD2
O
Digital
Synthesizer 2 lock detect output, High is locked.
3
LF2
O
Analog
Lock detect filter capacitor for LO2, 0.01
µF typical 100 kΩ pull-up(1)
4
DATA
I
Digital
Serial interface data input
5
CLK
I
Digital
Serial interface clock input
6
VCCD2
I
Power
+5 V power for digital
7
FR
I
Analog
18-MHz reference clock input, HCMOS input. (DC level = 2.5 V)
8
VCCD1
I
Power
+5 V power for digital
9
FRBP
O
Analog
Reference frequency bypass. Internally biased to 2.5 V.
10
EN
I
Digital
Serial interface load enable (active high)
11
LF1
O
Analog
Lock detect filter capacitor for LO1, 0.01
µF typical 100 kΩ(1)
12
LD1
O
Digital
Synthesizer 1 lock detect output, High is locked.
13
CP1O
O
Analog
Synthesizer 1 charge pump output
14
LO1BPA
O
Analog
Not connected for normal operation. DC bias nominal 1.8 V. Do not ground or connect to
any other pin.
15
LO1TUN
I
Analog
VCO synthesizer 1 tuning port
16
LO1BPB
O
Analog
Bypass capacitor for LO1 0.1
µF (min) DCV =1.0 V
17
VCCLO1
I
Power
VCC for LO1
18, 19, 20, 29, GND
Power
Ground
30, 37, 39, 42
21
BBIN
I
Analog
Baseband IF input (2 k
Ω diff) negative, dc-coupled, Internal voltage is 4 V DC
22
BBIP
I
Analog
Baseband IF input (2 k
Ω diff) positive, dc-coupled, Internal voltage is 4 V DC
23
VCCUPC
I
Power
+5V power Analog
24
GAIN[0]
I
Digital
Gain control bit 0 (LSB) – Logic low induces 1-dB attenuation
25
GAIN[1]
I
Digital
Gain control bit 1 – Logic low induces 2-dB attenuation
26
GAIN[2]
I
Digital
Gain control bit 2 – Logic low induces 4-dB attenuation
27
GAIN[3]
I
Digital
Gain control bit 3 – Logic low induces 8-dB attenuation
28
GAIN[4]
I
Digital
Gain control bit 4 (MSB) – Logic low induces 16-dB attenuation
31
IFON
O
Analog
IF analog output (100
Ω diff ) negative, dc-coupled, Internal voltage is 2.1 V DC
32
VCCIF
I
Power
+5 V power Analog
33
IFOP
O
Analog
IF analog output (100
Ω diff ) positive, dc-coupled, Internal voltage is 2.1 V DC
34
TXON
I
Digital
IF amplifier enable active high
35
EXTLO2IN
I
Analog
External input for LO2 (differential) negative and logic level for VCO select.
36
EXTLO2IP
I
Analog
External input for LO2 (differential) positive and logic level for VCO select.
38
VCCLO2
I
Power
VCC for LO2 A and B
40
LO2ON
O
Analog
LO2 output (differential) Negative and positive VCC bias (+5 V) for LO buffer amp.
41
LO2OP
O
Analog
LO2 output (differential) Positive and positive VCC bias (+5 V) for LO buffer amp.
43
LO2BBPA
O
Analog
Not connected for normal operation. DC bias nominal 1.8 V. Do not ground or connect to
any other pin.
44
LO2BTUN
I
Analog
LO2B Tune Port
45
LO2BBPB
O
Analog
Bypass cap. for LO2B 0.1
µF (min) DCV = 1 V
46
LO2ABPA
O
Analog
Not connected for normal operation. DC bias nominal 1.8 V. Do not ground or connect to
any other pin.
47
LO2ATUN
I
Analog
LO2A tune port
48
LO2ABPB
O
Analog
Bypass capacitor for LO2A 0.1
µF (min ) DCV = 1 V
Back
Back side of package has metal base that must be grounded for thermal and RF performance
(1)
Current leakage on the order of 10
µA through the capacitor or by any other means from either LF pin can cause false loss of lock
signals. The two pullup resistors (R16 and R17) in Figure 23 reduce this sensitivity.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com