Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152L Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2152L Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS2152L Datasheet HTML 9Page - Maxim Integrated Products DS2152L Datasheet HTML 10Page - Maxim Integrated Products DS2152L Datasheet HTML 11Page - Maxim Integrated Products DS2152L Datasheet HTML 12Page - Maxim Integrated Products DS2152L Datasheet HTML 13Page - Maxim Integrated Products DS2152L Datasheet HTML 14Page - Maxim Integrated Products DS2152L Datasheet HTML 15Page - Maxim Integrated Products DS2152L Datasheet HTML 16Page - Maxim Integrated Products DS2152L Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
DS2152
13 of 97
PIN
NAME
FUNCTION
99
RLOS/LOTC
Receive Loss of Sync/Loss of Transmit Clock. A dual function output that is
controlled by the CCR3.5 control bit. This pin can be programmed to either toggle high
when the synchronizer is searching for the frame and multiframe or to toggle high if the
TCLK pin has not been toggled for 5
µs.
6
RCL
Receive Carrier Loss. Set high when the line interface detects a loss of carrier.
93
RSIGF
Receive Signaling Freeze. Set high when the signaling data is frozen via either
automatic or manual intervention. Used to alert downstream equipment of the condition.
3
8MCLK
8MHz Clock. A 8.192MHz output clock that is referenced to the clock that is output at
the RCLK pin and is used to clock data through the receive side framer.
91
RPOSO
Receive Positive Data Output. Updated on the rising edge of RCLKO with the bipolar
data out of the line interface. This pin is normally tied to RPOSI.
90
RNEGO
Receive Negative Data Output. Updated on the rising edge of RCLKO with the bipolar
data out of the line interface. This pin is normally tied to RNEGI.
89
RCLKO
Receive Clock Output. Buffered recovered clock from the T1 line. This pin is normally
tied to RCLKI.
86
RPOSI
Receive Positive Data Input. Sampled on the falling edge of RCLKI for data to be
clocked through the receive side framer. RPOSI and RNEGI can be tied together for a
NRZ interface. Can be internally connected to RPOSO by tying the LIUC pin high.
87
RNEGI
Receive Negative Data Input. Sampled on the falling edge of RCLKI for data to be
clocked through the receive side framer. RPOSI and RNEGI can be tied together for a
NRZ interface. Can be internally connected to RNEGO by tying the LIUC pin high.
88
RCLKI
Receive Clock Input. Clock used to clock data through the receive side framer. This pin
is normally tied to RCLKO. Can be internally connected to RCLKO by tying the LIUC
pin high.
2.3 Parallel Control Port Pins
PIN
NAME
FUNCTION
25
INT
Interrupt. Flags host controller during conditions and change of conditions defined in
the Status Registers 1 and 2 and the FDL Status Register. Active-low, open-drain
output.
14
TEST
Tri-State Control. Set high to tri-state all output and I/O pins (including the parallel
control port). Set low for normal operation. Useful in board-level testing.
55
MUX
Bus Operation. Set low to select nonmultiplexed bus operation. Set high to select
multiplexed bus operation.
56–65
D0–D7/
AD0–AD7
Data Bus or Address/Data Bus. In nonmultiplexed bus operation (MUX = 0), serves as
the data bus. In multiplexed bus operation (MUX = 1), serves as an 8-bit multiplexed
address/data bus.
66–72
A0–A6
Address Bus. In nonmultiplexed bus operation (MUX = 0), serves as the address bus. In
multiplexed bus operation (MUX = 1), these pins are not used and should be tied low.
11
BTS
Bus Type Select. Strap high to select Motorola bus timing; strap low to select Intel bus
timing. This pin controls the function of the RD ( DS ), ALE(AS), and WR (R/ W ) pins.
If BTS = 1, then these pins assume the function listed in parentheses.
74
RD(DS)
Read Input (Data Strobe). RD and DS are active-low signals when MUX = 1. DS is
active high when MUX = 0. See bus timing diagrams.
75
CS
Chip Select. Must be low to read or write to the device. CS is an active-low signal.
73
ALE(AS)
A7 or Address Latch Enable (Address Strobe). In non-multiplexed bus operation
(MUX = 0), serves as the upper address bit. In multiplexed bus operation (MUX = 1),
serves to demultiplex the bus on a positive-going edge.
77
WR(R/W)
Write Input (Read/Write). WR is an active-low signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com