Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152L Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2152L Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS2152L Datasheet HTML 17Page - Maxim Integrated Products DS2152L Datasheet HTML 18Page - Maxim Integrated Products DS2152L Datasheet HTML 19Page - Maxim Integrated Products DS2152L Datasheet HTML 20Page - Maxim Integrated Products DS2152L Datasheet HTML 21Page - Maxim Integrated Products DS2152L Datasheet HTML 22Page - Maxim Integrated Products DS2152L Datasheet HTML 23Page - Maxim Integrated Products DS2152L Datasheet HTML 24Page - Maxim Integrated Products DS2152L Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
DS2152
21 of 97
TCR1: TRANSMIT CONTROL REGISTER 1 (Address = 35 Hex)
(MSB)
(LSB)
LOTCMC
TFPT
TCPT
TSSE
GB7S
TFDLS
TBL
TYEL
SYMBOL
POSITION
NAME AND DESCRIPTION
LOTCMC
TCR1.7
Loss Of Transmit Clock Mux Control. Determines whether
the transmit side formatter should switch to the ever present
RCLKO if the TCLK input should fail to transition
(see Figure 1-1 for details).
0 = do not switch to RCLKO if TCLK stops
1 = switch to RCLKO if TCLK stops
TFPT
TCR1.6
Transmit F-Bit Pass Through. (See note below.)
0 = F bits sourced internally
1 = F bits sampled at TSER
TCPT
TCR1.5
Transmit CRC Pass Through. (See note below.)
0 = source CRC6 bits internally
1 = CRC6 bits sampled at TSER during F-bit time
TSSE
TCR1.4
Software Signaling Insertion Enable. (See note below.)
0 = no signaling is inserted in any channel from the TS1–TS12
registers
1 = signaling is inserted in all channels from the TS1–TS12
registers (the TTR registers can be used to block insertion on a
channel-by-channel basis)
GB7S
TCR1.3
Global Bit 7 Stuffing. (See note below.)
0 = allow the TTR registers to determine which channels
containing all 0s are to be Bit 7 stuffed
1 = force Bit 7 stuffing in all 0-byte channels regardless of how
the TTR registers are programmed
TFDLS
TCR1.2
TFDL Register Select. (See note below.)
0 = source FDL or Fs bits from the internal TFDL register
(legacy FDL support mode)
1 = source FDL or Fs bits from the internal HDLC/BOC
controller or the TLINK pin
TBL
TCR1.1
Transmit Blue Alarm. (See note below.)
0 = transmit data normally
1 = transmit an unframed all 1s code at TPOSO and TNEGO
TYEL
TCR1.0
Transmit Yellow Alarm. (See note below.)
0 = do not transmit yellow alarm
1 = transmit yellow alarm
Note: For a description of how the bits in TCR1 affect the transmit side formatter, see Figure 16-11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com