Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020EC Datasheet(PDF) 76 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 76 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 72Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 73Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 74Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 75Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 76Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 77Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 78Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 79Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 80Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Timers
Z8 Encore! XP® F08xA Series
Product Specification
58
Timers
Overview
These Z8 Encore! XP® F08xA Series products contain up to two 16-bit reloadable timers
that can be used for timing, event counting, or generation of pulse-width modulated
(PWM) signals. The timers’ features include:
• 16-bit reload counter
• Programmable prescaler with prescale values from 1 to 128
• PWM output generation
• Capture and compare capability
• External input pin for timer input, clock gating, or capture signal. External input pin signal
frequency is limited to a maximum of one-fourth the system clock frequency.
• Timer output pin
• Timer interrupt
In addition to the timers described in this chapter, the Baud Rate Generator of the UART
(if unused) may also provide basic timing functionality. Refer to chapter “UART” on
page 84
for information about using the Baud Rate Generator as an additional timer.
Architecture
Figure 8 illustrates the architecture of the timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com