| Electronic Components Datasheet Search |
|
Z8F082ASH020EC Datasheet(PDF) 12 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020EC Datasheet(HTML) 12 Page - Zilog, Inc. |
|
12 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y List of Figures Z8 Encore! XP® F08xA Series Product Specification xii List of Figures Figure 1. Z8 Encore! XP“ F08xA Series Block Diagram . . . . . . . . . . . . . . . . . . . 3 Figure 2. Z8 Encore! XP“ F08xA Series in 20-Pin SOIC, SSOP or PDIP Package 8 Figure 3. Z8 Encore! XP“ F08xA Series in 28-Pin SOIC, SSOP or PDIP Package 8 Figure 4. Power-On Reset Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 5. Voltage Brown-Out Reset Operation . . . . . . . . . . . . . . . . . . . . . . . . . 23 Figure 6. GPIO Port Pin Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 Figure 7. Interrupt Controller Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . 48 Figure 8. Timer Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59 Figure 9. UART Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85 Figure 10. UART Asynchronous Data Format without Parity . . . . . . . . . . . . . . 86 Figure 11. UART Asynchronous Data Format with Parity . . . . . . . . . . . . . . . . . 86 Figure 12. UART Asynchronous MULTIPROCESSOR Mode Data Format . . . 90 Figure 13. UART Driver Enable Signal Timing (shown with 1 Stop Bit and Parity) 92 Figure 14. UART Receiver Interrupt Service Routine Flow . . . . . . . . . . . . . . . . 94 Figure 15. Infrared Data Communication System Block Diagram . . . . . . . . . 104 Figure 16. Infrared Data Transmission . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105 Figure 17. IrDA Data Reception . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106 Figure 18. Analog-to-Digital Converter Block Diagram . . . . . . . . . . . . . . . . . . 109 Figure 19. Flash Memory Arrangement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127 Figure 20. Flash Controller Operation Flow Chart . . . . . . . . . . . . . . . . . . . . . . 129 Figure 21. On-Chip Debugger Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . 148 Figure 22. Interfacing the On-Chip Debugger’s DBG Pin with an RS-232 Interface (1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149 Figure 23. Interfacing the On-Chip Debugger’s DBG Pin with an RS-232 Interface (2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150 Figure 24. OCD Data Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 151 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |