Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8FMC16100 Datasheet(PDF) 45 Page - Zilog, Inc.

Part # Z8FMC16100
Description  Z8 Encore-R Motor Control Flash MCUs
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FMC16100 Datasheet(HTML) 45 Page - Zilog, Inc.

Back Button Z8FMC16100 Datasheet HTML 41Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 42Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 43Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 44Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 45Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 46Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 47Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 48Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 402 page
background image
PS024604-1005
P R E L I M I N A R Y
Reset Types
Z8FMC16100 Series Flash MCU
Product Specification
23
Reset and Stop-Mode Recovery
The Reset Controller within the Z8FMC16100 Series Flash MCU controls RESET and
Stop-Mode Recovery operation. In typical operation, the following events cause a RESET
to occur:
Power-On Reset (POR)
Voltage Brown-Out (VBO)
Watch-Dog Timer time-out (when configured via the WDT_RES Option Bit to initiate a
Reset)
External RESET pin assertion
On-Chip Debugger initiated RESET (OCDCTL[0] set to 1)
Fault detect logic
When the Z8FMC16100 Series Flash MCU is in STOP mode, a Stop-Mode Recovery is
initiated by either of the following:
Watch-Dog Timer time-out
GPIO port input pin transition on an enabled Stop-Mode Recovery source
Reset Types
The Z8FMC16100 Series Flash MCU provides two different types of reset operation (Sys-
tem Reset and Stop-Mode Recovery). The type of reset is a function of both the current
operating mode of the Z8FMC16100 Series Flash MCU and the source of the reset. Table
6 lists the types of reset and their operating characteristics.
Table 6. Reset and Stop-Mode Recovery Characteristics and Latency
Reset Type
Reset Characteristics and Latency
Peripheral Control
Registers
eZ8 CPU Reset Latency (Delay)
System Reset
Reset (as
applicable)
RESET
A minimum of 66 Internal Precision Oscillator cycles.
Stop-Mode
Recovery
Unaffected, except
RSTSRC and
OSCCTL registers
Reset
A minimum of 66 Internal Precision Oscillator cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com