Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8FMC16100 Datasheet(PDF) 52 Page - Zilog, Inc.

Part # Z8FMC16100
Description  Z8 Encore-R Motor Control Flash MCUs
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FMC16100 Datasheet(HTML) 52 Page - Zilog, Inc.

Back Button Z8FMC16100 Datasheet HTML 48Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 49Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 50Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 51Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 52Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 53Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 54Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 55Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 56Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 402 page
background image
Reset and Stop-Mode Recovery
P R E L I M I N A R Y
PS024604-1005
Z8 Encore!® Motor Control Flash MCUs
Product Specification
30
The FLTSEL bit in this register allows software selection of the RESET pin. The pin func-
tion is selected by writing the unlock sequence followed by the mode to this register. A
software write to the FLTSEL bit will override the value set by the FLTSEL user option bit.
0 = RESET/Fault0 pin is configured as RESET input.
1= RESET/Fault0 pin is configured as Fault0 input.
Table 9. Reset Status and Control Register (RSTSCR)
BITS
7
6
5
4
3
2
1
0
FIELD
POR
STOP
WDT
EXT
FLT
Reserved
FLTSEL
RESET
See Table 10 below
0
R/W
RR
RR
R
R
R/W
ADDR
FF0H
Table 10. Reset Status Register Values Following Reset
Reset or Stop-Mode Recovery Event
POR
STOP
WDT
EXT
FLT
Power-On Reset
100
00
Reset using RESET pin assertion
000
10
Reset using Watch-Dog Timer time-out
001
10
Reset by OCD writing OCDCTL[0] to 1
100
10
Reset from Fault Detect Logic
000
11
Stop-Mode Recovery using GPIO pin transition
010
00
Stop-Mode Recovery using Watch-Dog Timer time-out
011
00
Note: Additional bits may be set depending on the number of resets simultaneously occurring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com