Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL5015SHV Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ASL5015SHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015SHV Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ASL5015SHV Datasheet HTML 17Page - NXP Semiconductors ASL5015SHV Datasheet HTML 18Page - NXP Semiconductors ASL5015SHV Datasheet HTML 19Page - NXP Semiconductors ASL5015SHV Datasheet HTML 20Page - NXP Semiconductors ASL5015SHV Datasheet HTML 21Page - NXP Semiconductors ASL5015SHV Datasheet HTML 22Page - NXP Semiconductors ASL5015SHV Datasheet HTML 23Page - NXP Semiconductors ASL5015SHV Datasheet HTML 24Page - NXP Semiconductors ASL5015SHV Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
21 / 69
60
PCB temperature (°C)
140
160
120
80
100
70
(1)
(2)
(3)
150
130
90
110
aaa-026323
0.8
1.6
2.4
0.4
1.2
2.0
0.6
1.4
2.2
0.2
1.0
1.8
NTC
(KΩ)
0
(1) NTC resistance High
(2) NTC resistance Typical
(3) NTC resistance Low
Figure 10. Typical NTC resistance vs. temperature in the range 70 °C to 130 °C
8.6.2 Direct Identification resistor input
Eight resistors with 1 % precision can be connected to the ID pin to read the
identification / characterization information. The current on the ID pin is fixed to 25 µA
±10 %. The value of the resistor is determined at the MLC start-up and is available to the
microcontroller in register 3Ah. The ID value is only read during device startup. To get
the identification value, the microcontroller can read this register directly or ask for the IC
diagnosis, the register 3Ah is included in the 8 bytes of diagnosis answer.
The voltage drop in the ID pin is read and converted to a digital value via an internal
ADC. The ID resistors' values are not overlapping in ranges in Table 9.
Table 9. Possible identification resistors for nonoverlapping
Resistor
4.75
8.06
11.3
14.3
17.4
21.5
26.7
32.4
[kΩ]
Value
000
001
010
011
100
101
110
111
binary
8.6.3 LED fault detection
Each PWM switch has an Open Circuit and a Short Circuit comparator, even when the
system is in Limp Home mode.
Open Circuit detection (OC): The OC detection threshold can be set to 6 V ±1 V
(default value) or 17 V ±1.5 V, see Section 10 "ASL50xxyHz Register map". In case
of an OC detection event, the PWM switch is closed and an error bit set. This process
allows the IC to bypass this LED and the other LEDs to continue to operate. The bit flag
can be reset by removing the supply voltage (VCC) or by a bus command writing a 1 in
the register 34h, bit 1. In case of clearing the flags (writing in register 34h), the action is
done dynamically and a power-on-reset is not necessary. If the open circuit was just a
lapse, then the system recovers automatically when clearing the flags. The open circuit is
immediately detected when the switch passes from low ohmic to high ohmic state.
Short Circuit detection (SC): The SC detection limit is set to 1 V ± 0.5 V. The system
can use a blanking time of 16 µs (default) or 32 µs, depending on the driving current and
the string capacitor. The blanking time can be selected in the internal MTP bit 4, register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com