Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL5015SHV Datasheet(PDF) 24 Page - NXP Semiconductors

Part # ASL5015SHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015SHV Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button ASL5015SHV Datasheet HTML 20Page - NXP Semiconductors ASL5015SHV Datasheet HTML 21Page - NXP Semiconductors ASL5015SHV Datasheet HTML 22Page - NXP Semiconductors ASL5015SHV Datasheet HTML 23Page - NXP Semiconductors ASL5015SHV Datasheet HTML 24Page - NXP Semiconductors ASL5015SHV Datasheet HTML 25Page - NXP Semiconductors ASL5015SHV Datasheet HTML 26Page - NXP Semiconductors ASL5015SHV Datasheet HTML 27Page - NXP Semiconductors ASL5015SHV Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
24 / 69
Bit
Symbol
Description
0
CLR_SC
Clear short-circuit detection
0 — Always 0 when the microcontroller reads it.
1 — A 1 in this location to clear all the SC flags and restart the channels.
8.6.6.2 Read diagnostic bits, from MLC to microcontroller
Table 13. Open Circuit and Short Circuit registers (Read only)
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
35h
READ_OC1
OC8
OC7
OC6
OC5
OC4
OC3
OC2
OC1
36h
READ_OC2
unused
OC12
OC11
OC10
OC9
37h
READ_SC1
SC8
SC7
SC6
SC5
SC4
SC3
SC2
SC1
38h
READ_SC2
unused
SC12
SC11
SC10
SC9
Registers READ_OC1, READ_OC2, READ_SC1, and READ_SC2 are used to read the
fail flags. The microcontroller can read these registers to know if any fail occurs during
the system operation. These registers can be cleared with the CLEAR register (34h), bits
0 and 1. Or, the microcontroller can clear all the OC and SC flags sending the command
39.
OC stands for "Open Circuit" and the number next to it represents the channel linked to
the flag.
SC satnds for "Short Circuit" and the number next to it represents the channel linked to
the flag.
Note: The MLC IC must be turned ON before the Buck converter provides current to
the LED string, see start-up sequence in the application notes. When the MLC is ON,
it is able to detect the open circuit condition and close the switch associated with the
open LED, automatically. If the MLC is not running before the Buck converter and there
is an open circuit condition, the MLC is not able to close the switch associated to the
failure LED automatically, causing the voltage in the associated switch to be higher than
the allowable maximum. This condition may damages the MLC IC. The system startup
sequence is to turn ON the MLC IC first and wait until the POK bit is set to 1.
Table 14. NTC - NTC control register (address 39h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
CPFAIL
NTC
NTCFAIL
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 15. NTC - NTC control register (address 39h) bit description
Bit
Symbol
Description
7
CPFAIL
Used for the internal charge pump circuit.
0 — No open or short condition is detected in the charge pump
1 — An open or short condition has happened in the external capacitor, the MLC cannot
drive the gates of the switches, and the dimming function is not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com