Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4401K Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4401K
Description  Low Gate Charge N?묬hannel Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4401K Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4401K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
VGS
Figure 7. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
0
0.6
4
1
0
Figure 8. Diode Forward Voltage vs. Current
Qg, TOTAL GATE CHARGE (nC)
ID = 0.63 A
TJ = 25°C
1
0.8
2
3
5
0.4
0.2
1.4
0.8
0.1
0
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
0.7
0.6
0.4
0
0.4
0.5
0.6
0.2
0.3
1
0.2
TJ = 25°C
TJ = 150°C
1.2
QG(TOT)
QGS
QGD
ORDERING INFORMATION
Device
Package
Shipping†
NTJD4401NT1
SC−88
3000 / Tape & Reel
NTJD4401NT1G
SC−88
(Pb−Free)
3000 / Tape & Reel
NTJD4401NT2
SC−88
3000 / Tape & Reel
NTJD4401NT2G
SC−88
(Pb−Free)
3000 / Tape & Reel
NTJD4401NT4
SC−88
10,000 / Tape & Reel
NTJD4401NT4G
SC−88
(Pb−Free)
10,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Rev :
www.leiditech.com
01.06.2015
4/5
LM4401k



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com