Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8922320FSC Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z8922320FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8922320FSC Datasheet(HTML) 2 Page - Zilog, Inc.

  Z8922320FSC Datasheet HTML 1Page - Zilog, Inc. Z8922320FSC Datasheet HTML 2Page - Zilog, Inc. Z8922320FSC Datasheet HTML 3Page - Zilog, Inc. Z8922320FSC Datasheet HTML 4Page - Zilog, Inc. Z8922320FSC Datasheet HTML 5Page - Zilog, Inc. Z8922320FSC Datasheet HTML 6Page - Zilog, Inc. Z8922320FSC Datasheet HTML 7Page - Zilog, Inc. Z8922320FSC Datasheet HTML 8Page - Zilog, Inc. Z8922320FSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Z89223/273/323/373
16-Bit Digital Signal Processors with A/D Converter
ZiLOG
2
DS000202-DSP0599
GENERAL DESCRIPTION (Continued)
OTP version of the Z89223/323, is ideal for prototypes and
early production builds.
Throughout this specification, references to the Z893x3 de-
vice apply equally to the Z89223/273/323/373, unless oth-
erwise specified.
Notes: All signals with an overline are active Low. For
example, in RD/WR, RD is active High and WR is
active Low. For I/O ports, P1.3 denotes Port1 bit 3. Pins
called NC are “No Connection”—they do not connect
any power, grounds, or signals.
Power connections follow conventional descriptions:
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Figure 1. Z892X3/3x3 Functional Block Diagram
Data RAM1
256x16
Shifter
XY
Multiplier
P
P2:1
P1:1
P0:1
DDATA
8
8
816
16
16
16
16
16
16
16
24
16 MSB
16 MSB
24
16
16
24
24
24
16 MSB
D0:1–3:1
Addr
Gen
Unit1
8-Bit
A/D
AN0
VAHI
EA2–EA0
ED15–ED0
DS
WAIT
RD/WR
Port 0
Port 1
Port 2
AN1
AN2
AN3
VALO
P1.1 or CLKOUT
P1.0 or INT2
P1.2 or SDI
P1.3 or SDO
P1.4 or SS
P1.5 or SCLK
P1.6 or UI0
P1.7 or UI1
8-Bit I/O
8-Bit I/O
16-Bit Counter
Timer
16-Bit Counter
Timer, PWM
16-Bit Counter
Timer, PWM
SPI
4 Inputs
4 Outputs
P2.1 or INT1
P2.0 or INT0
P2.2 or TMO0
P2.3 or TMO1
P2.4 or WAIT
P2.5 or UI2
P2.6 or TMO2
P2.7
P3.7–P3.4
P3.3–P3.0
16-Bit
Peripheral
Interface
Data RAM0
256x16
Program
ROM/OTP
8192x16
P2:0
P1:0
P0:0
8
D0:0–3:0
Addr
Gen
Unit0
Program
Control
Unit
Phase
Locked
Loop
Bank
Switch
Stack
MUX
ALU
Accumulator
HALT
RESET
CLKI
CLKO
V
AGND
LPF
DD
VSS
AVCC
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com