Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS31256 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 15Page - Maxim Integrated Products DS31256 Datasheet HTML 16Page - Maxim Integrated Products DS31256 Datasheet HTML 17Page - Maxim Integrated Products DS31256 Datasheet HTML 18Page - Maxim Integrated Products DS31256 Datasheet HTML 19Page - Maxim Integrated Products DS31256 Datasheet HTML 20Page - Maxim Integrated Products DS31256 Datasheet HTML 21Page - Maxim Integrated Products DS31256 Datasheet HTML 22Page - Maxim Integrated Products DS31256 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
19 of 183
Signal Name:
TS0 to TS15
Signal Description:
Transmit Serial Data Synchronization Pulse
Signal Type:
Input
This is a one-TC clock-wide synchronization pulse that can be applied to the DS31256 to force byte/frame
alignment. The applied sync signal pulse can be either active high (normal sync mode) or active low (inverted
sync mode). The TS signal can be sampled either on the falling edge or on rising edge of TC (Table 3-C). The
applied sync pulse can be during the first TC clock period of a 193/256/512/1024-bit frame or it can be applied
1/2, 1, or 2 TC clocks early. This input sync signal resets a counter that rolls over at a count of either 193 (T1
mode) or 256 (E1 mode) or 512 (4.096MHz mode) or 1024 (8.192MHz mode) TC clocks. It is acceptable to pulse
the TS signal once to establish byte boundaries and allow the DS31256 to track the byte/frame boundaries by
counting TC clocks. If the incoming data does not require alignment to byte/frame boundaries, this signal should
be wired low.
Table 3-C. TS Sampled Edge
SIGNAL
NORMAL TC CLOCK MODE
INVERTED TC CLOCK MODE
0 TC Clock Early Mode
Falling Edge
Rising Edge
1/2 TC Clock Early Mode
Rising Edge
Falling Edge
1 TC Clock Early Mode
Falling Edge
Rising Edge
2 TC Clock Early Mode
Falling Edge
Rising Edge
3.3 Local Bus Signal Description
Signal Name:
LMS
Signal Description:
Local Bus Mode Select
Signal Type:
Input
This signal should be connected low when the device operates with no local bus access or if the local bus is used
as a bridge from the PCI bus. This signal should be connected high if the local bus is to be used by an external host
to configure the device.
0 = local bus is in the PCI bridge mode (master)
1 = local bus is in the configuration mode (slave)
Signal Name:
LIM
Signal Description:
Local Bus Intel/Motorola Bus Select
Signal Type:
Input
The signal determines whether the local bus operates in the Intel mode (LIM = 0) or the Motorola mode
(LIM = 1). The signal names in parentheses are operational when the device is in the Motorola mode.
0 = local bus is in the Intel mode
1 = local bus is in the Motorola mode
Signal Name:
LD0 to LD15
Signal Description:
Local Bus Nonmultiplexed Data Bus
Signal Type:
Input/Output (tri-state capable)
In PCI bridge mode (LMS = 0), data from/to the PCI bus can be transferred to/from these signals. When writing
data to the local bus, these signals are outputs and updated on the rising edge of LCLK. When reading data from
the local bus, these signals are inputs, which are sampled on the rising edge of LCLK. Depending on the assertion
of the PCI byte enables (PCBE0 to PCBE3) and the local bus-width (LBW) control bit in the local bus bridge
mode control register (LBBMC), this data bus uses all 16 bits (LD[15:0]) or just the lower 8 bits (LD[7:0]) or the
upper 8 bits (LD[15:8]). If the upper LD bits (LD[15:8]) are used, then the local bus high-enable signal (
LBHE) is
asserted during the bus transaction. If the local bus is not currently involved in a bus transaction, all 16 signals are
tri-stated. When reading data from the local bus, these signals are outputs that are updated on the rising edge of
LCLK. When writing data to the local bus, these signals become inputs, which are sampled on the rising edge of
LCLK. In configuration mode (LMS = 1), the external host configures the device and obtains real-time status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com