Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS31256 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 35Page - Maxim Integrated Products DS31256 Datasheet HTML 36Page - Maxim Integrated Products DS31256 Datasheet HTML 37Page - Maxim Integrated Products DS31256 Datasheet HTML 38Page - Maxim Integrated Products DS31256 Datasheet HTML 39Page - Maxim Integrated Products DS31256 Datasheet HTML 40Page - Maxim Integrated Products DS31256 Datasheet HTML 41Page - Maxim Integrated Products DS31256 Datasheet HTML 42Page - Maxim Integrated Products DS31256 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
39 of 183
Bit 15/Status Bit for Local Bus Interrupt (LBINT)
0 = interrupt masked
1 = interrupt unmasked
Register Name:
SV54
Register Description:
Status Register for the Receive V.54 Detector
Register Address:
0030h
Bit #
7
6
5
4
3
2
1
0
Name
SLBP7
SLBP6
SLBP5
SLBP4
SLBP3
SLBP2
SLBP1
SLBP0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
SLBP15
SLBP14
SLBP13
SLBP12
SLBP11
SLBP10
SLBP9
SLBP8
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 15/Status Bits for Change of State in Receive V.54 Loopback Detector (SLBP0 to SLBP15). These
status bits are set to 1 when the V.54 loopback detector within the port has either timed out in its search for the
loop-up pattern or it has detected and validated the loop-up or loop-down pattern. There is one status bit per port.
The host must read the VTO and VLB status bits in RP[n]CR register of the corresponding port to determine the
exact status of the V.54 detector. If the V.54 detector has timed out in its search for the loop-up code (VTO = 1),
then SLBP is continuously set until the host resets the V.54 detector by toggling the VRST bit in RP[n]CR. If
enabled through the SLBP[n] bit in the interrupt mask for SV54 (ISV54), the setting of these bits causes a
hardware interrupt at the PCI bus through the
PINTA signal pin and also at the LINT if the local bus is in
configuration mode. See Section 6 for specific details about the operation of the V.54 loopback detector.
Register Name:
ISV54
Register Description:
Interrupt Mask Register for SV54
Register Address:
0034h
Bit #
7
6
5
4
3
2
1
0
Name
SLBP7
SLBP6
SLBP5
SLBP4
SLBP3
SLBP2
SLBP1
SLBP0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
SLBP15
SLBP14
SLBP13
SLBP12
SLBP11
SLBP10
SLBP9
SLBP8
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 15/Status Bit for Change of State in Receive V.54 Loopback Detector (SLBP0 to SLBP15)
0 = interrupt masked
1 = interrupt unmasked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com