Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z02215 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z02215
Description  Single Chip Modem with Integrated Controller, Data Pump, and Analog Front End
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z02215 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z02215 Datasheet HTML 4Page - Zilog, Inc. Z02215 Datasheet HTML 5Page - Zilog, Inc. Z02215 Datasheet HTML 6Page - Zilog, Inc. Z02215 Datasheet HTML 7Page - Zilog, Inc. Z02215 Datasheet HTML 8Page - Zilog, Inc. Z02215 Datasheet HTML 9Page - Zilog, Inc. Z02215 Datasheet HTML 10Page - Zilog, Inc. Z02215 Datasheet HTML 11Page - Zilog, Inc. Z02215 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
Z02215
Single Chip Modem with Integrated Controller, Data Pump, and AFE
PS001907-0904
Features
2
Dynamic power management: power-saving SLEEP modes
North American Type-I Caller ID
44-Pin PLCC, 44-Pin LQFP footprint
Single +5 VDC power supply
Minimal external logic
•0
°C to +70°C standard temperature range and –40°C to +85°C extended temper-
ature range
International Telecommunications Union (ITU, formerly known
as CCITT)
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com