Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z02215 Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z02215
Description  Single Chip Modem with Integrated Controller, Data Pump, and Analog Front End
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z02215 Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z02215 Datasheet HTML 35Page - Zilog, Inc. Z02215 Datasheet HTML 36Page - Zilog, Inc. Z02215 Datasheet HTML 37Page - Zilog, Inc. Z02215 Datasheet HTML 38Page - Zilog, Inc. Z02215 Datasheet HTML 39Page - Zilog, Inc. Z02215 Datasheet HTML 40Page - Zilog, Inc. Z02215 Datasheet HTML 41Page - Zilog, Inc. Z02215 Datasheet HTML 42Page - Zilog, Inc. Z02215 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Z02215
Single Chip Modem with Integrated Controller, Data Pump, and AFE
PS001907-0904
AT Command Set
33
V
Result Code
Format
The V command changes the format in which result codes are displayed.
V0
All result codes are displayed as numbers.
V1
All result codes are displayed as words (verbose form). This
value is the default value for North America.
X
Call
Progress
The X command controls detection of a busy signal or dial tone when the
modem is dialing. The X command also limits the result codes the modem may
return when dialing. The operation of the X command is configurable for
operation in different countries.
X0
Neither a busy signal nor a dial tone is detected. When a
telephone line connection is made, the result code does not
indicate the telephone line data rate.
X1
Neither a busy signal nor a dial tone is detected. When a
telephone line connection is made, the result code indicates
the telephone line data rate.
X2
A busy signal is not detected; however, a dial tone is
detected. When a telephone line connection is made, the
result code indicates the telephone line data rate.
X3
Busy signal is detected; however, a dial tone is not
detected. When a telephone line connection is made, the
result code indicates the telephone line data rate.
X4
Both a busy signal and a dial tone are detected. When a
telephone line connection is made, the result code indicates
the telephone line data rate. This value is the default value
in North America.
The @ and W dial modifiers are not affected by the X command. The @ dial
modifier may return the result codes 8 (NO ANSWER) or 7 (BUSY) each time it
appears in the dial string. The W dial modifier may return the result codes 6
(NO DIALTONE) or 7 (BUSY) each time it appears in the dial string.
&Z0=x
Store
Telephone
Number
The &Z0=x command saves a dialing string in the modem's nonvolatile memory
(EEPROM). The value of X may be up to 36 characters long and may contain
any dialing digits or modifiers, except the S=n modifier. Characters that are
neither dialing digits or dial modifiers are ignored and not stored. If the modem
does not feature nonvolatile memory, an ERROR result code is returned. The
command may be issued in one of three different ways:
&Z<dial string>
&Z=<dial string>
&Z0=<dial string>
Table 3. AT Command Set (Continued)
Command
Function and Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com