Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSCSM170HM23CT3AG Datasheet(PDF) 2 Page - Microchip Technology

Part # MSCSM170HM23CT3AG
Description  Full Bridge SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170HM23CT3AG Datasheet(HTML) 2 Page - Microchip Technology

  MSCSM170HM23CT3AG Datasheet HTML 1Page - Microchip Technology MSCSM170HM23CT3AG Datasheet HTML 2Page - Microchip Technology MSCSM170HM23CT3AG Datasheet HTML 3Page - Microchip Technology MSCSM170HM23CT3AG Datasheet HTML 4Page - Microchip Technology MSCSM170HM23CT3AG Datasheet HTML 5Page - Microchip Technology MSCSM170HM23CT3AG Datasheet HTML 6Page - Microchip Technology MSCSM170HM23CT3AG Datasheet HTML 7Page - Microchip Technology MSCSM170HM23CT3AG Datasheet HTML 8Page - Microchip Technology MSCSM170HM23CT3AG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Features
The following are key features of the MSCSM170HM23CT3AG device:
• SiC Power MOSFET
– High speed switching
– Low RDS(on)
– Ultra low loss
• SiC Schottky Diode
– Zero reverse recovery
– Zero forward recovery
– Temperature independent switching behavior
– Positive temperature coefficient on VF
• Very low stray inductance
• Kelvin source for easy drive
• Internal thermistor for temperature monitoring
• Aluminum nitride (AlN) substrate for improved thermal performance
Benefits
The following are the benefits of MSCSM170HM23CT3AG device:
• High efficiency converter
• Outstanding performance at high frequency operation
• Direct mounting to heatsink (isolated package)
• Low junction-to-case thermal resistance
• Solderable terminals for power and signal for easy mounting of PCB
• Low profile
• RoHS compliant
Application
The MSCSM170HM23CT3AG device is designed for the following applications:
• Welding converters
• Switched mode power supplies
• Uninterruptible power supplies
• EV motor and traction drive
MSCSM170HM23CT3AG
© 2021 Microchip Technology Inc.
Datasheet
DS00003953A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com