Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXG3141 Datasheet(PDF) 21 Page - Microchip Technology

Part # MXG3141
Description  MXG3141 3D Gesture Controller Data Sheet
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXG3141 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MXG3141 Datasheet HTML 17Page - Microchip Technology MXG3141 Datasheet HTML 18Page - Microchip Technology MXG3141 Datasheet HTML 19Page - Microchip Technology MXG3141 Datasheet HTML 20Page - Microchip Technology MXG3141 Datasheet HTML 21Page - Microchip Technology MXG3141 Datasheet HTML 22Page - Microchip Technology MXG3141 Datasheet HTML 23Page - Microchip Technology MXG3141 Datasheet HTML 24Page - Microchip Technology MXG3141 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Note:  When only four electrodes are required in the application, it is recommend to use RX channels RX1…RX4,
while RX0 can be left disconnected.
6.5
Analog-to-Digital Converter (ADC)
As outlined in the previous section, each Rx channel features a dedicated ADC with a trigger derived from the
internal clock. ADC samples are synchronous with twice the Tx transmit frequency.
6.6
Signal Processing Unit (SPU)
The MXG3141 features a Signal Processing Unit (SPU) to control the hardware blocks and process the advanced
DSP algorithms included in the GestIC Library. It provides filtered sensor data and recognized gestures to the
application host. The host combines the information and controls its application.
6.7
Parameters Storage
The MXG3141 provides an embedded 128 kB Flash memory which is dedicated to the GestIC Library and storage of
the individual configuration parameters. These parameters have to be set according to the individual electrode design
and application.
Related Links
9. Development Support
MXG3141
Functional Description
© 2021 Microchip Technology Inc.
Advance Information Datasheet
DS40001975C-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com