Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXG3141 Datasheet(PDF) 8 Page - Microchip Technology

Part # MXG3141
Description  MXG3141 3D Gesture Controller Data Sheet
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXG3141 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MXG3141 Datasheet HTML 4Page - Microchip Technology MXG3141 Datasheet HTML 5Page - Microchip Technology MXG3141 Datasheet HTML 6Page - Microchip Technology MXG3141 Datasheet HTML 7Page - Microchip Technology MXG3141 Datasheet HTML 8Page - Microchip Technology MXG3141 Datasheet HTML 9Page - Microchip Technology MXG3141 Datasheet HTML 10Page - Microchip Technology MXG3141 Datasheet HTML 11Page - Microchip Technology MXG3141 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
3.
Theory of Operation: Electrical Near-Field (E-Field) Sensing
Microchip’s GestIC technology is a 3D sensor technology that utilizes an electric field (E-field) for advanced proximity
sensing. It allows realization of new user interface applications by detection, tracking and classification of a user’s
hand gestures in free space.
E-fields are generated by electrical charges and propagate three-dimensionally around the surface, carrying the
electrical charge.
Applying direct voltages (DC) to an electrode results in a constant electric field. Applying alternating voltages (AC)
makes the charges vary over time and the field. When the charge varies sinusoidally with frequency ‘f’, the resulting
electromagnetic wave is characterized by wavelength λ = c/f, where ‘c’ is the wave propagation velocity — in
vacuum, the speed of light. In cases where the wavelength is much larger than the electrode geometry, the magnetic
component is practically zero and no wave propagation takes place. The result is quasi-static electrical near field that
can be used for sensing conductive objects such as the human body.
Microchip’s GestIC technology uses transmit (Tx) frequencies in the range of 100 kHz, which reflects a wavelength
of about three kilometers. With electrode geometries of typically less than fourteen by fourteen centimeters, this
wavelength is much larger in comparison. GestIC systems work without wave propagation.
In case a person’s hand or finger intrudes in the electrical field, the field becomes distorted. The field lines are drawn
to the hand due to the conductivity of the human body itself and shunted to ground. The three-dimensional electric
field decreases locally. Microchip’s GestIC technology uses a minimum number of four receiver (Rx) electrodes to
detect the E-field variations at different positions to measure the origin of the electric field distortion from the varying
signals received. The information is used to track movements and to classify movement patterns (gestures).
The two following figures show the influence of an earth-grounded body to the electric field. The proximity of the body
causes a compression of the equipotential lines and shifts the Rx electrode signal levels to a lower potential that is
measured.
Figure 3-1. Equipotential Lines of an Undistorted E-Field
MXG3141
Theory of Operation: Electrical Near-Field (E-Fiel...
© 2021 Microchip Technology Inc.
Advance Information Datasheet
DS40001975C-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com