Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 360Page - Renesas Technology Corp SH7041A Datasheet HTML 361Page - Renesas Technology Corp SH7041A Datasheet HTML 362Page - Renesas Technology Corp SH7041A Datasheet HTML 363Page - Renesas Technology Corp SH7041A Datasheet HTML 364Page - Renesas Technology Corp SH7041A Datasheet HTML 365Page - Renesas Technology Corp SH7041A Datasheet HTML 366Page - Renesas Technology Corp SH7041A Datasheet HTML 367Page - Renesas Technology Corp SH7041A Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 923 page
background image
326
Counting mode selection
Select counter clock
Periodic counter
Select counter
clear source
Select output
compare register
Set period
Start counting
Start counting
Free-running counter
Periodic counter
Free-running counter
5
5
4
3
2
1
Figure 12.7 Procedure for Selecting the Counting Operation
Free-Running Counter Operation Example: A reset of the MTU timer counters (TCNT) leaves
them all in the free-running mode. When a bit in the TSTR is set to 1, the corresponding timer
counter operates as a free-running counter and begins to increment. When the count overflows
from H'FFFF–H'0000, the TCFV bit in the timer status register (TSR) is set to 1. If the TCIEV bit
in the timer’s corresponding timer interrupt enable register (TIER) is set to 1, the MTU will make
an interrupt request to the interrupt controller. After the TCNT overflows, counting continues from
H'0000. Figure 12.8 shows an example of free-running counter operation.
CST bit
TCNT value
Time
H'FFFF
H'0000
TCFV
Figure 12.8 Free-Running Counter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com